Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL203WCEZB-REEL Datasheet(Arkusz danych) 2 Page - Analog Devices

Numer części ADXL203WCEZB-REEL
Szczegółowy opis  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 2 page
background image
ADXL103/ADXL203
Data Sheet
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configurations and Function Descriptions ........................... 5
 
Typical Performance Characteristics ............................................. 6
 
ADXL103 and ADXL203............................................................. 6
 
AD22293........................................................................................ 9
 
AD22035 and AD22037 ............................................................ 10
 
All Models ................................................................................... 12
 
Theory of Operation ...................................................................... 13
 
Performance ................................................................................ 13
 
Applications Information .............................................................. 14
 
Power Supply Decoupling ......................................................... 14
 
Setting the Bandwidth Using CX and CY ................................. 14
 
Self Test ........................................................................................ 14
 
Design Trade-Offs for Selecting Filter Characteristics: The
Noise/Bandwidth Trade-Off ..................................................... 14
 
Using the ADXL103/ADXL203 with Operating Voltages
Other than 5 V............................................................................ 15
 
Using the ADXL203 as a Dual-Axis Tilt Sensor ........................ 15
 
Outline Dimensions ....................................................................... 16
 
Ordering Guide .......................................................................... 16
 
Automotive Products ................................................................. 16
 
REVISION HISTORY
9/11—Rev. C to Rev. D
Added AD22293, AD22035, and AD22037 ............... Throughout
Changes to Application Section and General Description
Section................................................................................................ 1
Changes to Table 1............................................................................ 3
Deleted Figure 13 and Figure 14: Renumbered Sequentially ..... 7
Deleted Figure 17 and Figure 22..................................................... 8
Added Figure 19 to Figure 24; Renumbered Sequentially .......... 9
Added Figure 25 to Figure 34........................................................ 10
Added All Models Section, Figure 35 to Figure 38 .................... 12
Changes to Figure 39...................................................................... 13
Changes to Ordering Guide .......................................................... 16
Changes to Automotive Products Section................................... 16
5/10—Rev. B to Rev. C
Changes to Figure 24 Caption....................................................... 12
Added Automotive Products Section .......................................... 12
4/10—Rev. A to Rev. B
Changes to Features Section ............................................................1
Updated Outline Dimensions....................................................... 12
Changes to Ordering Guide .......................................................... 12
2/06—Rev. 0 to Rev. A
Changes to Features ..........................................................................1
Changes to Table 1.............................................................................3
Changes to Figure 2...........................................................................4
Changes to Figure 3 and Figure 4....................................................5
Changes to the Performance Section..............................................9
4/04—Revision 0: Initial Version




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl