Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL203EB Datasheet(Arkusz danych) 4 Page - Analog Devices

Numer części ADXL203EB
Szczegółowy opis  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 4 page
background image
ADXL103/ADXL203
Data Sheet
Rev. D | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, Unpowered)
3500 g
Acceleration (Any Axis, Powered)
3500 g
Drop Test (Concrete Surface)
1.2 m
VS
−0.3 V to +7.0 V
All Other Pins
(COM − 0.3 V) to
(VS + 0.3 V)
Output Short-Circuit Duration
(Any Pin to Common)
Indefinite
Temperature Range (Powered)
−55°C to +125°C
Temperature Range (Storage)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or any other
conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Table 3. Package Characteristics
Package Type
θJA
θJC
Device Weight
8-Terminal Ceramic LCC
120°C/W
20°C/W
<1.0 gram
ESD CAUTION
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 2. Recommended Soldering Profile
Table 4. Solder Profile Parameters
Test Condition
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/second maximum
3°C/second maximum
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX) (tS)
60 seconds to 120 seconds
60 seconds to 150 seconds
TSMAX to TL
Ramp-Up Rate
3°C/second
3°C/second
Time Maintained above Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 seconds to 150 seconds
60 seconds to 150 seconds
Peak Temperature (TP)
240°C + 0°C/−5°C
260°C + 0°C/−5°C
Time Within 5°C of Actual Peak Temperature (tP)
10 seconds to 30 seconds
20 seconds to 40 seconds
Ramp-Down Rate
6°C/second maximum
6°C/second maximum
Time 25°C to Peak Temperature
6 minutes maximum
8 minutes maximum




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl