Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADW22293ZA Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADW22293ZA
Szczegółowy opis  Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
Data Sheet
ADXL103/ADXL203
Rev. D | Page 3 of 16
SPECIFICATIONS
TA = −40°C to +125°C, VS = 5 V, CX = CY = 0.1 μF, acceleration = 0 g, unless otherwise noted. All minimum and maximum specifications
are guaranteed. All typical specifications are not guaranteed.
Table 1.
ADXL103/ADXL203
AD22293
AD22035/AD22037
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SENSOR
Each axis
Measurement Range1
±1.7
±5
±6
±18
g
Nonlinearity
% of full scale
±0.2
±1.25
±0.2
±1.25
±0.2
±1.25
%
Package Alignment Error
±1
±1
±1
Degrees
Alignment Error (ADXL203)
X to Y sensor
±0.1
±0.1
±0.1
Degrees
Cross-Axis Sensitivity
±1.5
±3
±1.5
±3
±1.5
±3
%
SENSITIVITY (RATIOMETRIC)2
Each axis
Sensitivity at XOUT, YOUT
VS = 5 V
960
1000
1040
293
312
331
94
100
106
mV/g
Sensitivity Change Due to
Temperature3
VS = 5 V
±0.3
±0.3
±0.3
%
ZERO g BIAS LEVEL (RATIOMETRIC)
Each axis
0 g Voltage at XOUT, YOUT
VS = 5 V
2.4
2.5
2.6
2.4
2.5
2.6
2.4
2.5
2.6
V
Initial 0 g Output Deviation
From Ideal
VS = 5 V, 25°C
±25
±50
±125
mg
0 g Offset vs. Temperature
±0.1
±0.8
±0.3
±1.8
±1
mg/°C
NOISE
Output Noise
<4 kHz, VS = 5 V
1
3
1
3
2
mV rms
Noise Density
110
200
130
μg/√Hz
rms
FREQUENCY RESPONSE4
CX, CY Range5
0.002
10
0.002
10
0.002
10
μF
RFILT Tolerance
24
32
40
24
32
40
24
32
40
Sensor Resonant Frequency
5.5
5.5
5.5
kHz
SELF TEST6
Logic Input Low
1
1
1
V
Logic Input High
4
4
4
V
ST Input Resistance to GND
30
50
30
50
30
50
Output Change at XOUT, YOUT
ST 0 to ST 1
450
750
1100
125
250
375
60
80
100
mV
OUTPUT AMPLIFIER
Output Swing Low
No load
0.05
0.2
0.05
0.2
0.05
0.2
V
Output Swing High
No load
4.5
4.8
4.5
4.8
4.5
4.8
V
POWER SUPPLY (VDD)
Operating Voltage Range
3
6
3
6
3
6
V
Quiescent Supply Current
0.7
1.1
0.7
1.1
0.7
1.1
mA
Turn-On Time7
20
20
20
ms
1 Guaranteed by measurement of initial offset and sensitivity.
2 Sensitivity is essentially ratiometric to VS. For VS = 4.75 V to 5.25 V, sensitivity is 186 mV/V/g to 215 mV/V/g.
3 Defined as the output change from ambient-to-maximum temperature or ambient-to-minimum temperature.
4 Actual frequency response controlled by user-supplied external capacitor (CX, CY).
5 Bandwidth = 1/(2 × π × 32 kΩ × C). For CX, CY = 0.002 μF, bandwidth = 2500 Hz. For CX, CY = 10 μF, bandwidth = 0.5 Hz. Minimum/maximum values are not tested.
6 Self-test response changes cubically with VS.
7 Larger values of CX, CY increase turn-on time. Turn-on time is approximately 160 × CX or CY + 4 ms, where CX, CY are in μF.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl