Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG506ATE Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG506ATE
Szczegółowy opis  CMOS 8-/16-Channel Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG506ATE Arkusz danych(HTML) 8 Page - Analog Devices

  ADG506ATE Datasheet HTML 1Page - Analog Devices ADG506ATE Datasheet HTML 2Page - Analog Devices ADG506ATE Datasheet HTML 3Page - Analog Devices ADG506ATE Datasheet HTML 4Page - Analog Devices ADG506ATE Datasheet HTML 5Page - Analog Devices ADG506ATE Datasheet HTML 6Page - Analog Devices ADG506ATE Datasheet HTML 7Page - Analog Devices ADG506ATE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADG506A/ADG507A
–8–
REV. C
TERMINOLOGY
RON
Ohmic resistance between terminals D and S
RON Match
Difference between the RON of any two channels
RON Drift
Change in RON versus temperature
IS (OFF)
Source terminal leakage current when the switch
is off
ID (OFF)
Drain terminal leakage current when the switch
is off
ID (ON)
Leakage current that flows from the closed switch
into the body
VS (VD)
Analog voltage on terminal S or D
CS (OFF)
Channel input capacitance for “OFF” condition
CD (OFF)
Channel output capacitance for “OFF” condition
CIN
Digital input capacitance
tON (EN)
Delay time between the 50% and 90% points of
the digital input and switch “ON” condition
tOFF (EN)
Delay time between the 50% and 10% points of
the digital input and switch “OFF” condition
tTRANSITION
Delay time between the 50% and 90% points of
the digital inputs and switch “ON” condition
when switching from one address state to
another
tOPEN
“OFF” time measured between 50% points of
both switches when switching from one address
state to another
VINL
Maximum input voltage for Logic “0”
VINH
Minimum input voltage for Logic “1”
IINL (IINH)
Input current of the digital input
VDD
Most positive voltage supply
VSS
Most negative voltage supply
IDD
Positive supply current
ISS
Negative supply current
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Plastic DIP (Suffix N)
1.45(36.83)
1.44 (36.58)
0.550 (13.97)
0.53 (13.47)
0.020 (0.508)
0.015 (0.381)
0.175 (4.45)
0.12 (3.05)
0.2
(5.08)
MAX
0.105 (2.67)
0.095 (2.42)
0.065 (1.66)
0.045 (1.15)
0.606 (15.4)
0.594 (15.09)
0.012 (0.305)
0.008 (0.203)
0.16 (4.07)
0.14 (3.56)
15
0
LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH
LEADS ARE SOLDER OR TIN PLATED KOVAR OR ALLOY 42
28-Lead Cerdip (Suffix Q)
0.525 (13.33)
0.515 (13.08)
GLASS
SEALANT
15
°
0
°
0.18(4.57)
MAX
0.012 (0.305)
0.008 (0.203)
0.22 (5.59)
MAX
1.490 (37.84) MAX
0.125
(3.175)
MIN
0.02 (0.5)
0.016 (0.406)
0.11 (2.79)
0.099 (2.28)
0.06 (1.52)
0.05 (1.27)
0.62 (15.74)
0.59 (14.93)
LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH
LEADS ARE SOLDER OR TIN PLATED KOVAR OR ALLOY 42
28-Lead SOIC (Suffix R)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
0.0291 (0.74)
0.0098 (0.25)
x 45°
0.7125 (18.10)
0.6969 (17.70)
PIN 1
28
15
14
1
28-Lead TSSOP (Suffix RU)
28
15
14
1
0.386 (9.80)
0.378 (9.60)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
°
0
°
28-Terminal Plastic Leaded Chip Carrier (Suffix P)
4
PIN 1
IDENTIFIER
5
26
25
11
12
19
18
TOP VIEW
(PINS DOWN)
0.498 (12.57)
0.485 (12.32)
SQ
0.456 (11.582)
0.450 (11.430) SQ
0.021 (0.533)
0.013 (0.331)
0.430 (10.5)
0.390 (9.9)
0.032 (0.812)
0.026 (0.661)
0.180 (4.51)
0.165 (4.20)
0.120 (3.04)
0.090 (2.29)
0.050
0.005
01.27
0.13
28-Terminal Leadless Ceramic Chip Carrier (Suffix E)
1
28
5
11
12
18
26
BOTTOM
VIEW
19
4
2
5
0.028 (0.71)
0.022 (0.56)
45
° TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050
(1.27)
BSC
0.075
(1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.150
(3.51)
BSC
0.300 (7.62)
BSC
0.200
(5.08)
BSC
0.075
(1.91)
REF
0.458 (11.63)
0.442 (11.23)
SQ
0.458
(11.63)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)


Podobny numer części - ADG506ATE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG506ATE AD-ADG506ATE Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results

Podobny opis - ADG506ATE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
154Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKPZ AD-ADG507AKPZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKPZ AD-ADG506AKPZ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com