Zakładka z wyszukiwarką danych komponentów |
|
ADG507AKR Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADG507AKR Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 8 page ADG506A/ADG507A –4– REV. C CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADG506A /ADG507A feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. ABSOLUTE MAXIMUM RATINGS 1 (TA = 25°C unless otherwise noted) VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 V VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –25 V Analog Inputs 2 Voltage at S, D . . . . . . . . . . . . . . . . . . . . . . . VSS – 2 V to VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . + 2 V or . . . . . . . . . . . . . . . . . . . . . . 20 mA, Whichever Occurs First Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 20 mA Pulsed Current S or D 1 ms Duration, 10% Duty Cycle . . . . . . . . . . . . . . . . 40 mA Digital Inputs 2 Voltage at A, EN . . . . . . . . . . . . . . . . . . . . . . . . . . VSS – 4 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . to VDD + 4 V or . . . . . . . . . . . . . . . . . . . . . . 20 mA, Whichever Occurs First Power Dissipation (Any Package) Up to +75 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 470 mW Derates above +75 °C by . . . . . . . . . . . . . . . . . . 6 mW/°C Operating Temperature Commercial (K Version) . . . . . . . . . . . . . . –40 °C to +85°C Industrial (B Version) . . . . . . . . . . . . . . . . –40 °C to +85°C Extended (T Version) . . . . . . . . . . . . . . . –55 °C to +125°C Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2Overvoltage at A, EN, S or D will be clamped by diodes. Current should be limited to the Maximum Rating above. PIN CONFIGURATIONS DIP, SOIC 14 13 12 11 17 16 15 20 19 18 10 9 8 1 2 3 4 7 6 5 TOP VIEW (Not to Scale) 28 27 26 25 24 23 22 21 ADG506A NC = NO CONNECT VDD S7 S8 VSS D NC NC S16 S4 S5 S6 S15 S14 S13 S12 S11 S10 S1 S2 S3 S9 GND NC A3 EN A2 A1 A0 LCCC 28 27 1 2 3 426 25 21 22 23 24 19 20 5 6 7 8 9 10 11 12 13 14 15 16 17 18 TOP VIEW (Not to Scale) NC = NO CONNECT S7A S6A S5A S4A S3A S2A S1A S7B S6B S5B S4B S3B S2B S1B ADG507A PLCC 7 8 9 10 11 5 6 28 27 26 1 2 3 4 21 22 23 24 25 19 20 12 13 14 15 16 17 18 TOP VIEW (Not to Scale) PIN 1 IDENTIFIER S7B S6B S5B S4B S3B S7A S6A S5A S4A S3A NC = NO CONNECT ADG507A S2B S1B S2A S1A PLCC 7 8 9 10 11 5 6 28 27 26 1 2 3 4 21 22 23 24 25 19 20 12 13 14 15 16 17 18 TOP VIEW (Not to Scale) PIN 1 IDENTIFIER S15 S14 S13 S12 S11 S7 S6 S5 S4 S3 NC = NO CONNECT ADG506A S10 S9 S2 S1 DIP, SOIC, TSSOP 14 13 12 11 17 16 15 20 19 18 10 9 8 1 2 3 4 7 6 5 TOP VIEW (Not to Scale) 28 27 26 25 24 23 22 21 ADG507A NC = NO CONNECT VDD S7A S8A VSS DA DB NC S8B S4A S5A S6A S7B S6B S5B S4B S3B S2B S1A S2A S3A S1B GND NC NC EN A2 A1 A0 LCCC 28 27 1 2 3 426 25 21 22 23 24 19 20 5 6 7 8 9 10 11 12 13 14 15 16 17 18 TOP VIEW (Not to Scale) NC = NO CONNECT S7 S6 S5 S4 S3 S2 S1 S15 S14 S13 S12 S11 S10 S9 ADG506A WARNING! ESD SENSITIVE DEVICE |
Podobny numer części - ADG507AKR |
|
Podobny opis - ADG507AKR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |