Zakładka z wyszukiwarką danych komponentów |
|
ADG728BRUZ-REEL Arkusz danych(PDF) 10 Page - Analog Devices |
|
ADG728BRUZ-REEL Arkusz danych(HTML) 10 Page - Analog Devices |
10 / 13 page –10– ADG728/ADG729 WRITE OPERATION When writing to the ADG728/ADG729, the user must begin with an address byte and R/ W bit, after which the switch will acknowledge that it is prepared to receive data by pulling SDA low. This address byte is followed by the 8-bit word. The write operations for each matrix switch are shown in the figures below. SCL SDA S8 S7 S6 S5 S4 S3 S2 S1 00 1 1 A0 R/ W STOP COND BY MASTER ACK BY ADG728 START COND BY MASTER ADDRESS BYTE DATA BYTE ACK BY ADG728 A1 1 Figure 16. ADG728 Write Sequence SCL SDA S8 S7 S6 S5 S4 S3 S2 S1 00 1 A0 R/ W STOP COND BY MASTER ACK BY ADG729 START COND BY MASTER ADDRESS BYTE DATA BYTE ACK BY ADG729 A1 1 0 Figure 17. ADG729 Write Sequence READ OPERATION When reading data back from the ADG728/ADG729, the user must begin with an address byte and R/ W bit, after which the ma- trix switch will acknowledge that it is prepared to transmit data by pulling SDA low. The readback operation is a single byte that consists of the eight data bits in the input register. The read operations for each part are shown in Figures 18 and 19. SCL SDA S8 S7 S6 S5 S4 S3 S2 S1 00 1 A0 R/ W STOP COND BY MASTER ACK BY ADG728 START COND BY MASTER ADDRESS BYTE DATA BYTE NO ACK BY MASTER A1 1 1 Figure 18. ADG728 Readback Sequence SCL SDA S8 S7 S6 S5 S4 S3 S2 S1 00 1 A0 R/ W STOP COND BY MASTER ACK BY ADG729 START COND BY MASTER ADDRESS BYTE DATA BYTE NO ACK BY MASTER A1 1 0 Figure 19. ADG729 Readback Sequence REV. C |
Podobny numer części - ADG728BRUZ-REEL |
|
Podobny opis - ADG728BRUZ-REEL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |