Zakładka z wyszukiwarką danych komponentów |
|
ADG728BRUZ-REEL Arkusz danych(PDF) 2 Page - Analog Devices |
|
ADG728BRUZ-REEL Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 13 page –2– ADG728/ADG729–SPECIFICATIONS1(V DD = 5 V 10%, GND = 0 V, unless otherwise noted.) B Version –40 C Parameter 25 C to +85 C Unit Test Conditions/Comments ANALOG SWITCH Analog Signal Range 0 V to VDD V On Resistance (RON) 2.5 Ω typ VS = 0 V to VDD, IS = 10 mA; 4.5 5 Ω max Test Circuit 1 On-Resistance Match Between 0.4 Ω typ VS = 0 V to VDD, IS = 10 mA Channels ( ∆R ON) 0.8 Ω max On-Resistance Flatness (RFLAT(ON)) 0.75 Ω typ VS = 0 V to VDD, IS = 10 mA 1.2 Ω max LEAKAGE CURRENTS VDD = 5.5 V Source OFF Leakage IS (OFF) ±0.01 nA typ VD = 4.5 V/1 V, VS = 1 V/4.5 V, Test Circuit 2 ±0.1 ±0.3 nA max Drain OFF Leakage ID (OFF) ±0.01 nA typ VD = 4.5 V/1 V, VD = 1 V/4.5 V, Test Circuit 3 ±0.1 ±1 nA max Channel ON Leakage ID, IS (ON) ±0.01 nA typ VD = VS = 4.5 V/1 V, Test Circuit 4 ±0.1 ±1 nA max LOGIC INPUTS (A0, A1) 2 Input High Voltage, VINH 2.4 V min Input Low Voltage, VINL 0.8 V max Input Current IINL or IINH 0.005 µA typ ±0.1 µA max CIN, Input Capacitance 6 pF typ LOGIC INPUTS (SCL, SDA) 2 Input High Voltage, VINH 0.7 VDD V min VDD + 0.3 V max Input Low Voltage, VINL –0.3 V min 0.3 VDD V max IIN, Input Leakage Current 0.005 µA typ VIN = 0 V to VDD ±1.0 µA max VHYST, Input Hysteresis 0.05 VDD V min CIN, Input Capacitance 6 pF typ LOGIC OUTPUT (SDA) 2 VOL, Output Low Voltage 0.4 V max ISINK = 3 mA 0.6 V max ISINK = 6 mA DYNAMIC CHARACTERISTICS 2 tON 95 ns typ RL = 300 Ω, C L = 35 pF, Test Circuit 5; 140 ns max VS1 = 3 V tOFF 85 ns typ VS1 = 3 V, RL = 300 Ω, C L = 35 pF; 130 ns max Test Circuit 5 Break-Before-Make Time Delay, tD 8 ns typ RL = 300 Ω, C L = 35 pF; 1ns min VS1 = VS2 = 3 V, Test Circuit 5 Charge Injection ±3 pC typ VS = 2.5 V, RS = 0 Ω, C L = 1 nF; Test Circuit 6 Off Isolation –55 dB typ RL = 50 Ω, C L = 5 pF, f = 10 MHz; –75 dB typ RL = 50 Ω, C L = 5 pF, f = 1 MHz; Test Circuit 8 Channel-to-Channel Crosstalk –55 dB typ RL = 50 Ω, C L = 5 pF, f = 10 MHz; –75 dB typ RL = 50 Ω, C L = 5 pF, f = 1 MHz; Test Circuit 7 –3 dB Bandwidth ADG728 65 MHz typ RL = 50 Ω, C L = 5 pF, Test Circuit 8 ADG729 100 MHz typ CS (OFF) 13 pF typ CD (OFF) ADG728 85 pF typ ADG729 42 pF typ CD, CS (ON) ADG728 96 pF typ ADG729 48 pF typ POWER REQUIREMENTS VDD = 5.5 V IDD 10 µA typ Digital Inputs = 0 V or 5.5 V 20 µA max NOTES 1Temperature range is as follows: B Version: –40 °C to +85°C. 2Guaranteed by design, not subject to production test. REV. C |
Podobny numer części - ADG728BRUZ-REEL |
|
Podobny opis - ADG728BRUZ-REEL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |