Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG811YRU-REEL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADG811YRU-REEL
Szczegółowy opis  0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG811YRU-REEL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADG811YRU-REEL Datasheet HTML 5Page - Analog Devices ADG811YRU-REEL Datasheet HTML 6Page - Analog Devices ADG811YRU-REEL Datasheet HTML 7Page - Analog Devices ADG811YRU-REEL Datasheet HTML 8Page - Analog Devices ADG811YRU-REEL Datasheet HTML 9Page - Analog Devices ADG811YRU-REEL Datasheet HTML 10Page - Analog Devices ADG811YRU-REEL Datasheet HTML 11Page - Analog Devices ADG811YRU-REEL Datasheet HTML 12Page - Analog Devices ADG811YRU-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG811/ADG812/ADG813
Rev. B | Page 9 of
16
TEMPERATURE (°C)
–80
–70
–60
–50
–40
–30
–20
–10
0
10
120
100
80
60
40
20
0
140
ID (OFF)
ID, IS (ON)
VDD = 3.3V
IS (OFF)
Figure 10. Leakage Current vs. Temperature, VDD = 3.3 V
TEMPERATURE (°C)
–60
–50
–40
–30
–20
–10
0
10
ID, IS (ON)
VDD = 2.5V
IS (OFF)
ID (OFF)
120
100
80
60
40
20
0
140
Figure 11. Leakage Current vs. Temperature, VDD = 2.5 V
TEMPERATURE (°C)
–60
–50
–40
–30
–20
–10
0
ID, IS (ON)
IS (OFF)
ID (OFF)
VDD = 1.8V
120
100
80
60
40
20
0
140
Figure 12. Leakage Current vs. Temperature, VDD = 1.8 V
VS (V)
0
20
40
60
80
100
120
2.5
2.0
1.0
1.5
0
0.5
3.0
3.5
4.0
TA = 25°C
VCC = 2.5V
VCC = 3.6V
VCC = 1.8V
Figure 13. Charge Injection (QINJ) vs. Source Voltage (VS)
TEMPERATURE (°C)
0
5
10
15
20
25
30
35
tOFF
tON
VCC = 3V
VCC = 3V
VDD = 2.5V
VDD = 1.8V
VCC = 2.5V
VCC = 1.8V
60
80
100
120
40
20
–20
–40
0
Figure 14. tON/tOFF Times vs. Temperature
FREQUENCY (MHz)
–10
–8
–4
–2
0
1
–6
–9
–5
–3
–1
–7
0.01
0.1
1000
100
10
1
VCC = 3.3V/2.5V/1.8V
TA = 25°C
Figure 15. On Response vs. Frequency


Podobny numer części - ADG811YRU-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG811YRU-REEL AD-ADG811YRU-REEL Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG811YRU-REEL7 AD-ADG811YRU-REEL7 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
More results

Podobny opis - ADG811YRU-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com