Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG3231BRJZ-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADG3231BRJZ-REEL7
Szczegółowy opis  1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG3231BRJZ-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADG3231BRJZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG3231BRJZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG3231BRJZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG3231BRJZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG3231BRJZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG3231BRJZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG3231BRJZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG3231BRJZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG3231BRJZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADG3231
Rev. C | Page 7 of 12
tLH,LOW-TO-HIGH TRANSITION
tHL, HIGH-TO-LOW TRANSITION
VCC1 = 3.3V
VCC2 = 1.8V
TA = 25°C
DATA RATE 10Mbps
CAPACITIVE LOAD (pF)
16
14
12
0
6
4
2
8
10
22
32
42
62
52
72
82
92
102
Figure 10. Rise/Fall Time vs.
Capacitive Load (3.3 V to 1.8 V Level Translation)
tLH, LOW-TO-HIGH TRANSITION
tHL, HIGH-TO-LOW TRANSITION
VCC1 = 1.8V
VCC2 = 3.3V
TA = 25°C
DATA RATE 10Mbps
CAPACITIVE LOAD (pF)
10
9
8
0
5
2
3
4
1
6
7
22
32
42
62
52
72
82
92
102
Figure 11. Rise/Fall Time vs.
Capacitive Load (1.8 V to 3.3 V Level Translation)
tPLH, LOW-TO-HIGH TRANSITION
tPHL, HIGH-TO-LOW TRANSITION
VCC1 = 3.3V
VCC2 = 3.3V
TA = 25°C
DATA RATE 10Mbps
CAPACITIVE LOAD (pF)
8
0
5
2
3
4
1
6
7
22
32
42
62
52
72
82
92
102
Figure 12. Propagation Delay vs. Capacitive Load
tPHL, A TO Y
tPLHL, A TO Y
TA = 25°C
VCC1 = VCC2
SUPPLY VOLTAGE (V)
8.0
0
2.0
4.0
6.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 13. Propagation Delay vs. Supply Voltage
tPHL, A TO Y
tPLH, A TO Y
VCC1 = VCC2 = 3.3V
TEMPERATURE (°C)
4.0
0
1.0
2.0
3.0
–40
–20
0
20
40
60
80
Figure 14. Propagation Delay vs. Temperature
Y
3.3V
1.8V
A
3
2
TA = 25°C
DATA RATE = 10MHz
Figure 15. Input/Output VCC1 = 3.3 V, VCC2 = 1.8 V


Podobny numer części - ADG3231BRJZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3231BRJZ-REEL7 AD-ADG3231BRJZ-REEL7 Datasheet
236Kb / 12P
   1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
More results

Podobny opis - ADG3231BRJZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3231 AD-ADG3231_15 Datasheet
236Kb / 12P
   1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG3231 AD-ADG3231_V01 Datasheet
236Kb / 12P
   1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
ADG465 AD-ADG465_15 Datasheet
116Kb / 8P
   Single Channel Protector in an SOT-23 Package
REV. A
ADG465 AD-ADG465 Datasheet
108Kb / 8P
   Single Channel Protector in an SOT-23 Package
REV. A
logo
Potato Semiconductor Co...
PO74G164245A POTATO-PO74G164245A_14 Datasheet
2Mb / 9P
   1.65v-3.6v, 16-bit Dual Supply Level Shifting
logo
KEC(Korea Electronics)
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
   SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
   SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com