Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG823BRMZ-REEL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG823BRMZ-REEL7
Szczegółowy opis  1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG823BRMZ-REEL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG823BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG823BRMZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG821/ADG822/ADG823
Rev. A | Page 8 of 12
60
50
40
30
20
10
0
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
TA = 25°C
tON
tOFF
VDD = 3V
VDD = 5V
VDD = 3V, 5V
Figure 11. tON/tOFF vs. Temperature
0
–70
–60
–50
–40
–30
–20
–10
0.2
100
10
1
FREQUENCY (MHz)
VDD = 3V, 5V
TA = 25°C
Figure 12. Off Isolation vs. Frequency
0
–9
–7
–8
–6
–5
–4
–3
–2
–1
0.1
100
10
1
FREQUENCY (MHz)
VDD = 3V, 5V
TA = 25°C
Figure 13. On Response vs. Frequency
–10
–110
–100
–80
–90
–70
–60
–50
–40
–30
–20
0.1
100
10
1
FREQUENCY (MHz)
Figure 14. Crosstalk vs. Frequency
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
16
5
4
3
2
0
VDD (V)
VIN RISING
VIN FALLING
Figure 15. Logic Threshold Voltage vs. Supply Voltage
0.050
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
100
10k
1k
20
FREQUENCY (Hz)
VS = 5V
V p-p = 2V
RL = 600Ω
Figure 16. THD vs. Frequency


Podobny numer części - ADG823BRMZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG823BRM AD-ADG823BRM Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
More results

Podobny opis - ADG823BRMZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com