Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM691AN Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADM691AN
Szczegółowy opis  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM691AN Arkusz danych(HTML) 3 Page - Analog Devices

  ADM691AN Datasheet HTML 1Page - Analog Devices ADM691AN Datasheet HTML 2Page - Analog Devices ADM691AN Datasheet HTML 3Page - Analog Devices ADM691AN Datasheet HTML 4Page - Analog Devices ADM691AN Datasheet HTML 5Page - Analog Devices ADM691AN Datasheet HTML 6Page - Analog Devices ADM691AN Datasheet HTML 7Page - Analog Devices ADM691AN Datasheet HTML 8Page - Analog Devices ADM691AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
OSCILLATOR
OSC IN Input Current
±2
µA
OSC SEL Input Pull-Up Current
5
µA
OSC IN Frequency Range
0
250
kHz
OSC SEL = 0 V
OSC IN Frequency with External Capacitor
4
kHz
OSC SEL = 0 V, COSC = 47 pF
NOTE
1WDI is a three level input which is internally biased to 38% of V
CC and has an input impedance of approximately 125 k
Ω.
Specifications subject to change without notice.
ADM690–ADM695
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
All Other Inputs . . . . . . . . . . . . . . . . . . –0.3 V to VOUT + 0.5 V
Input Current
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mA
VBATT
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Power Dissipation, N-8 DIP . . . . . . . . . . . . . . . . . . . . 400 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 120
°C/W
Power Dissipation, Q-8 DIP . . . . . . . . . . . . . . . . . . . . 500 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 125
°C/W
Power Dissipation, N-16 DIP . . . . . . . . . . . . . . . . . . . 600 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 135
°C/W
Power Dissipation, Q-16 DIP . . . . . . . . . . . . . . . . . . . 600 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 100
°C/W
Power Dissipation, R-16 SOIC . . . . . . . . . . . . . . . . . . 600 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 110
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods of time may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Option
ADM690AN
–40
°C to +85°C
N-8
ADM690AQ
–40
°C to +85°C
Q-8
ADM690SQ
–55
°C to +125°C
Q-8
ADM691AN
–40
°C to +85°C
N-16
ADM691AR
–40
°C to +85°C
R-16
ADM691AQ
–40
°C to +85°C
Q-16
ADM691SQ
–55
°C to +125°C
Q-16
ADM692AN
–40
°C to +85°C
N-8
ADM692AQ
–40
°C to +85°C
Q-8
ADM692SQ
–55
°C to +125°C
Q-8
ADM693AN
–40
°C to +85°C
N-16
ADM693AR
–40
°C to +85°C
R-16
ADM693AQ
–40
°C to +85°C
Q-16
ADM693SQ
–55
°C to +125°C
Q-16
ADM694AN
–40
°C to +85°C
N-8
ADM694AQ
–40
°C to +85°C
Q-8
ADM694SQ
–55
°C to +125°C
Q-8
ADM695AN
–40
°C to +85°C
N-16
ADM695AR
–40
°C to +85°C
R-16
ADM695AQ
–40
°C to +85°C
Q-16
ADM695SQ
–55
°C to +125°C
Q-16
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADM690–ADM695 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.


Podobny numer części - ADM691AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM691AN AD-ADM691AN Datasheet
284Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM691AN AD-ADM691AN Datasheet
199Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM691AN AD-ADM691AN Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM691AN AD-ADM691AN Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM691AN AD-ADM691AN Datasheet
175Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
More results

Podobny opis - ADM691AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com