Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN4667WARZ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADN4667WARZ-REEL7
Szczegółowy opis  3 V LVDS Quad CMOS Differential Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN4667WARZ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  ADN4667WARZ-REEL7 Datasheet HTML 1Page - Analog Devices ADN4667WARZ-REEL7 Datasheet HTML 2Page - Analog Devices ADN4667WARZ-REEL7 Datasheet HTML 3Page - Analog Devices ADN4667WARZ-REEL7 Datasheet HTML 4Page - Analog Devices ADN4667WARZ-REEL7 Datasheet HTML 5Page - Analog Devices ADN4667WARZ-REEL7 Datasheet HTML 6Page - Analog Devices ADN4667WARZ-REEL7 Datasheet HTML 7Page - Analog Devices ADN4667WARZ-REEL7 Datasheet HTML 8Page - Analog Devices ADN4667WARZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADN4667
Rev. B | Page 5 of 16
Figure 4. Driver Propagation Delay and Transition Time Waveforms
Figure 5. Test Circuit for Driver Three-State Delay
Figure 6. Driver Three-State Delay Waveforms
DIN
VDIFF
tPLHD
tPHLD
VDIFF = DOUT+ –DOUT–
VOH
VOL
VOD
3V
1.5V
0V (DIFFERENTIAL)
0V
80%
20%
0V
DOUT+
DOUT–
tTLH
tTHL
CL
CL
DOUT+
DOUT–
DIN
SIGNAL
GENERATOR
50Ω
EN
50Ω
50Ω
1.2V
VCC
EN
DOUT+ WITH DIN = VCC
OR DOUT– WITH DIN = GND
DOUT+ WITH DIN = GND
OR DOUT– WITH DIN = VCC
3V
1.5V
50%
50%
0V
3V
1.5V
0V
VOH
VOL
1.2V
1.2V
EN WITH EN = GND
OR OPEN CIRCUIT
EN WITH EN = VCC
tPZH
tPHZ
tPLZ
tPZL


Podobny numer części - ADN4667WARZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4667WARZ-REEL7 AD-ADN4667WARZ-REEL7 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
More results

Podobny opis - ADN4667WARZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4667 AD-ADN4667 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Driver
REV. 0
ADN4667 AD-ADN4667_V01 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
ADN4665 AD-ADN4665 Datasheet
254Kb / 12P
   3 V, LVDS, Quad, CMOS Differential Line Driver
REV. 0
logo
Texas Instruments
DS90LV047A TI1-DS90LV047A_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com