Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUC834BSZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADUC834BSZ
Szczegółowy opis  MicroConverter, Dual 16-Bit/24-Bit
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUC834BSZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADUC834BSZ Datasheet HTML 4Page - Analog Devices ADUC834BSZ Datasheet HTML 5Page - Analog Devices ADUC834BSZ Datasheet HTML 6Page - Analog Devices ADUC834BSZ Datasheet HTML 7Page - Analog Devices ADUC834BSZ Datasheet HTML 8Page - Analog Devices ADUC834BSZ Datasheet HTML 9Page - Analog Devices ADUC834BSZ Datasheet HTML 10Page - Analog Devices ADUC834BSZ Datasheet HTML 11Page - Analog Devices ADUC834BSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
REV. A
–8–
ADuC834
NOTES
1 Temperature Range for ADuC834BS (MQFP package) is –40°C to +125°C.
Temperature Range for ADuC834BCP (CSP package) is –40
°C to +85°C.
2 These numbers are not production tested but are guaranteed by design and/or characterization data on production release.
3 System Zero-Scale Calibration can remove this error.
4 The primary ADC is factory calibrated at 25°C with AVDD = DVDD = 5 V yielding this full-scale error of 10 V. If user power supply or temperature conditions are
significantly different from these, an Internal Full-Scale Calibration will restore this error to 10
V. A system zero-scale and full-scale calibration will remove this
error altogether.
5 Gain Error Drift is a span drift. To calculate Full-Scale Error Drift, add the Offset Error Drift to the Gain Error Drift times the full-scale input.
6 The auxiliary ADC is factory calibrated at 25°C with AVDD = DVDD = 5 V yielding this full-scale error of –2.5 LSB. A system zero-scale and full-scale calibration
will remove this error altogether.
7 DAC linearity and ac specifications are calculated using: reduced code range of 48 to 4095, 0 to V
REF; reduced code range of 100 to 3950, 0 to V DD.
8 Gain Error is a measure of the span error of the DAC.
9 In general terms, the bipolar input voltage range to the primary ADC is given by RangeADC = ± (VREF 2RN)/125, where:
VREF = REFIN(+) to REFIN(–) voltage and VREF = 1.25 V when internal ADC VREF is selected. RN = decimal equivalent of RN2, RN1, RN0, e.g., VREF = 2.5 V
and RN2, RN1, RN0 = 1, 1, 0 the RangeADC =
± 1.28 V. In unipolar mode, the effective range is 0 V to 1.28 V in our example.
10 1.25 V is used as the reference voltage to the ADC when internal V
REF is selected via XREF0 and XREF1 bits in ADC0CON and ADC1CON, respectively.
11 In bipolar mode, the Auxiliary ADC can only be driven to a minimum of AGND – 30 mV as indicated by the Auxiliary ADC absolute AIN voltage limits. The
bipolar range is still –VREF to +VREF; however, the negative voltage is limited to –30 mV.
12 The ADuC834BCP (CSP Package) has been qualified and tested with the base of the CSP Package floating.
13 Pins configured in SPI Mode, pins configured as digital inputs during this test.
14 Pins configured in I2C Mode only.
15 Flash/EE Memory Reliability Characteristics apply to both the Flash/EE program memory and Flash/EE data memory.
16 Endurance is qualified to 100 Kcycles as per JEDEC Std. 22 method A117 and measured at –40 °C, +25°C, +85°C, and +125°C. Typical endurance at 25°C
is 700 Kcycles.
17 Retention lifetime equivalent at junction temperature (T
J) = 55°C as per JEDEC Std. 22, Method A117. Retention lifetime based on an activation energy of 0.6eV
will derate with junction temperature as shown in Figure 16 in the Flash/EE Memory section of this data sheet.
18 Power Supply current consumption is measured in Normal, Idle, and Power-Down modes under the following conditions:
Normal mode: Reset = 0.4 V, Digital I/O pins = open circuit, Core Clk changed via CD bits in PLLCON, Core Executing internal software loop.
Idle mode: Reset = 0.4 V, Digital I/O pins = open circuit, Core Clk changed via CD bits in PLLCON, PCON.0 = 1, Core Execution suspended in idle mode.
Power-Down mode: Reset = 0.4 V, All P0 pins and P1.2–P1.7 Pins = 0.4 V, All other digital I/O pins are open circuit, Core Clk changed via CD bits in
PLLCON, PCON.1 = 1, Core Execution suspended in power-down mode, OSC turned ON or OFF via OSC_PD bit (PLLCON.7) in PLLCON SFR.
19 DV
DD power supply current will increase typically by 3 mA (3 V operation) and 10 mA (5 V operation) during a Flash/EE memory program or erase cycle.
Specifications subject to change without notice.


Podobny numer części - ADUC834BSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC834BS AD-ADUC834BS Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834BS AD-ADUC834BS Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
More results

Podobny opis - ADUC834BSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC836BSZ AD-ADUC836BSZ Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit
REV. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com