Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM5200ARWZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADUM5200ARWZ
Szczegółowy opis  Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM5200ARWZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADUM5200ARWZ Datasheet HTML 5Page - Analog Devices ADUM5200ARWZ Datasheet HTML 6Page - Analog Devices ADUM5200ARWZ Datasheet HTML 7Page - Analog Devices ADUM5200ARWZ Datasheet HTML 8Page - Analog Devices ADUM5200ARWZ Datasheet HTML 9Page - Analog Devices ADUM5200ARWZ Datasheet HTML 10Page - Analog Devices ADUM5200ARWZ Datasheet HTML 11Page - Analog Devices ADUM5200ARWZ Datasheet HTML 12Page - Analog Devices ADUM5200ARWZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADuM5200/ADuM5201/ADuM5202
Rev. B | Page 9 of 28
PACKAGE CHARACTERISTICS
Table 14. Thermal and Isolation Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
RESISTANCE AND CAPACITANCE
Resistance (Input-to-Output)1
RI-O
102
Ω
Capacitance (Input-to-Output)1
CI-O
2.2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction to Ambient Thermal Resistance
θJA
45
°C/W
Thermocouple located at the center of the package
underside; test conducted on a 4-layer board with
thin traces 3
THERMAL SHUTDOWN
Threshold
TSSD
150
°C
TJ rising
Hysteresis
TSSD-HYS
20
°C
1 This device is considered a 2-terminal device; Pin 1 through Pin 8 are shorted together, and Pin 9 through Pin 16 are shorted together.
2 Input capacitance is from any input data pin to ground.
3 Refer to the Power Considerations section for thermal model definitions.
REGULATORY INFORMATION
The ADuM5200/ADuM5201/ADuM5202 are approved by the organizations listed in Table 15. Refer to Table 20 and the Insulation Lifetime
section for more information about the recommended maximum working voltages for specific cross-insulation waveforms and insulation levels.
Table 15.
UL1
CSA
VDE (Pending)2
Recognized under UL 1577 component
recognition program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to IEC 60747-5-2
(VDE 0884, Part 2):2003-012
Single protection, 2500 V rms
isolation voltage
Testing was conducted per CSA 60950-1-07
and IEC 60950-1 2nd Ed. at 2.5 kV rated voltage
Basic insulation at 600 V rms (848 VPEAK)
working voltage
Reinforced insulation at 250 V rms (353 VPEAK)
working voltage
Basic insulation, 560 VPEAK
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each ADuM5200/ADuM5201/ADuM5202 is proof tested by applying an insulation test voltage ≥ 3000 V rms for 1 second (current leakage
detection limit = 10 μA).
2 In accordance with IEC 60747-5-2 (VDE 0884 Part 2):2003-01, each ADuM520x is proof tested by applying an insulation test voltage ≥ 1590 VPEAK for 1 second (partial
discharge detection limit = 5 pC). The asterisk (*) marking branded on the component designates IEC 60747-5-2 (VDE 0884, Part 2):2003-01 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 16. Critical Safety-Related Dimensions and Material Properties
Parameter
Symbol Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
2500
V rms 1-minute duration
Minimum External Air Gap
L(I01)
8.0
mm
Distance measured from input terminals to output
terminals; shortest distance through air along the
PCB mounting plane, as an aid to PC board layout
Minimum External Tracking (Creepage)
L(I02)
7.6
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Distance (Internal Clearance)
0.017 min
mm
Distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303, Part 1
Isolation Group
IIIa
Material group (DIN VDE 0110, 1/89, Table 1)


Podobny numer części - ADUM5200ARWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5200ARWZ AD-ADUM5200ARWZ Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200ARWZ AD-ADUM5200ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200ARWZ1 AD-ADUM5200ARWZ1 Datasheet
370Kb / 15P
   Isolated DC/DC Converter
Rev. PrA
ADUM5200ARWZ1 AD-ADUM5200ARWZ1 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200ARWZ2 AD-ADUM5200ARWZ2 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
More results

Podobny opis - ADUM5200ARWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
ADUM5401CRWZ-RL AD-ADUM5401CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com