Zakładka z wyszukiwarką danych komponentów |
|
ADuM3301BRWZ Arkusz danych(PDF) 8 Page - Analog Devices |
|
ADuM3301BRWZ Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 20 page ADuM3300/ADuM3301 Data Sheet Rev. B | Page 8 of 20 Parameter Symbol Min Typ Max Unit Test Conditions 90 Mbps (CRW Grade Only) VDD1 Supply Current IDD1 (90) 5 V/3 V Operation 41 57 mA 45 MHz logic signal freq. 3 V/5 V Operation 22 31 mA 45 MHz logic signal freq. VDD2 Supply Current IDD2 (90) 5 V/3 V Operation 15 21 mA 45 MHz logic signal freq. 3 V/5 V Operation 28 41 mA 45 MHz logic signal freq. For All Models Input Currents IIA, IIB, IIC, IID, IE1, IE2 −10 +0.01 +10 μA 0 V ≤ VIA, VIB, VIC, VID ≤ VDD1 or VDD2, 0 V ≤ VE1, VE2 ≤ VDD1 or VDD2 Logic High Input Threshold VIH, VEH 5 V/3 V Operation 2.0 V 3 V/5 V Operation 1.6 V Logic Low Input Threshold VIL, VEL 5 V/3 V Operation 0.8 V 3 V/5 V Operation 0.4 V Logic High Output Voltages VOAH, VOBH, VOCH, VODH (VDD1 or VDD2) − 0.1 (VDD1 or VDD2) V IOx = −20 μA, VIx = VIxH (VDD1 or VDD2) − 0.4 (VDD1 or VDD2) − 0.2 V IOx = −4 mA, VIx = VIxH Logic Low Output Voltages VOAL, VOBL, VOCL, VODL 0.0 0.1 V IOx = 20 μA, VIx = VIxL 0.04 0.1 V IOx = 400 μA, VIx = VIxL 0.2 0.4 V IOx = 4 mA, VIx = VIxL SWITCHING SPECIFICATIONS ADuM330xARWZ Minimum Pulse Width2 PW 1000 ns CL = 15 pF, CMOS signal levels Maximum Data Rate3 1 Mbps CL = 15 pF, CMOS signal levels Propagation Delay4 tPHL, tPLH 50 70 100 ns CL = 15 pF, CMOS signal levels Pulse Width Distortion, |tPLH − tPHL|4 PWD 40 ns CL = 15 pF, CMOS signal levels Propagation Delay Skew5 tPSK 50 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching6 tPSKCD/OD 50 ns CL = 15 pF, CMOS signal levels ADuM330xBRWZ Minimum Pulse Width2 PW 100 ns CL = 15 pF, CMOS signal levels Maximum Data Rate3 10 Mbps CL = 15 pF, CMOS signal levels Propagation Delay4 tPHL, tPLH 15 35 50 ns CL = 15 pF, CMOS signal levels Pulse Width Distortion, |tPLH − tPHL|4 PWD 3 ns CL = 15 pF, CMOS signal levels Change vs. Temperature 5 ps/°C CL = 15 pF, CMOS signal levels Propagation Delay Skew5 tPSK 22 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Codirectional Channels6 tPSKCD 3 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Opposing-Directional Channels6 tPSKOD 6 ns CL = 15 pF, CMOS signal levels ADuM330xCRWZ Minimum Pulse Width2 PW 8.3 11.1 ns CL = 15 pF, CMOS signal levels Maximum Data Rate3 90 120 Mbps CL = 15 pF, CMOS signal levels Propagation Delay4 tPHL, tPLH 20 30 40 ns CL = 15 pF, CMOS signal levels Pulse Width Distortion, |tPLH − tPHL|4 PWD 0.5 2 ns CL = 15 pF, CMOS signal levels Change vs. Temperature 3 ps/°C CL = 15 pF, CMOS signal levels Propagation Delay Skew5 tPSK 14 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Codirectional Channels6 tPSKCD 2 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Opposing-Directional Channels6 tPSKOD 5 ns CL = 15 pF, CMOS signal levels |
Podobny numer części - ADuM3301BRWZ |
|
Podobny opis - ADuM3301BRWZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |