Zakładka z wyszukiwarką danych komponentów |
|
ADR550ART-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADR550ART-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 16 page ADR520/ADR525/ADR530/ADR540/ADR550 Rev. E | Page 4 of 16 ADR530 ELECTRICAL CHARACTERISTICS IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted. Table 4. Parameter Symbol Conditions Min Typ Max Unit Output Voltage VOUT Grade A 2.988 3.000 3.012 V Grade B 2.994 3.000 3.006 V Initial Accuracy VOERR Grade A ±0.4% −12 +12 mV Grade B ±0.2% −6 +6 mV Temperature Coefficient1 TCVO −40°C < TA < +85°C Grade A 25 70 ppm/°C Grade B 15 40 ppm/°C Output Voltage Change vs. IIN ∆VR IIN = 0.1 mA to 15 mA 1 mV −40°C < TA < +85°C 4 mV IIN = 1 mA to 15 mA −40°C < TA < +85°C 2 mV Dynamic Output Impedance (∆VR/∆IR) IIN = 0.1 mA to 15 mA 0.2 Ω Minimum Operating Current IIN −40°C < TA < +85°C 50 μA Voltage Noise eN p-p 0.1 Hz to 10 Hz 22 μV p-p Turn-On Settling Time tR 2 μs Output Voltage Hysteresis ∆VOUT_HYS IIN = 1 mA 40 ppm 1 Guaranteed by design; not production tested. ADR540 ELECTRICAL CHARACTERISTICS IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted. Table 5. Parameter Symbol Conditions Min Typ Max Unit Output Voltage VOUT Grade A 4.080 4.096 4.112 V Grade B 4.088 4.096 4.104 V Initial Accuracy VOERR Grade A ±0.4% −16 +16 mV Grade B ±0.2% −8 +8 mV Temperature Coefficient1 TCVO −40°C < TA < +85°C Grade A 25 70 ppm/°C Grade B 15 40 ppm/°C Output Voltage Change vs. IIN ∆VR IIN = 0.1 mA to 15 mA 1 mV −40°C < TA < +85°C 5 mV IIN = 1 mA to 15 mA −40°C < TA < +85°C 2 mV Dynamic Output Impedance (∆VR/∆IR) IIN = 0.1 mA to 15 mA 0.2 Ω Minimum Operating Current IIN −40°C < TA < +85°C 50 μA Voltage Noise eN p-p 0.1 Hz to 10 Hz 30 μV p-p Turn-On Settling Time tR 2 μs Output Voltage Hysteresis ∆VOUT_HYS IIN = 1 mA 40 ppm 1 Guaranteed by design; not production tested. |
Podobny numer części - ADR550ART-REEL7 |
|
Podobny opis - ADR550ART-REEL7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |