Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL345BCCZ Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXL345BCCZ
Szczegółowy opis  Digital Accelerometer
Pobierz  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
Data Sheet
ADXL345
Rev. D | Page 3 of 40
REVISION HISTORY
2/13—Rev. C to Rev. D
Changes to Figure 13, Figure 14, and Figure 15............................9
Change to Table 15..........................................................................22
5/11—Rev. B to Rev. C
Added Preventing Bus Traffic Errors Section ............................15
Changes to Figure 37, Figure 38, Figure 39 .................................16
Changes to Table 12 ........................................................................19
Changes to Using Self-Test Section...............................................31
Changes to Axes of Acceleration Sensitivity Section..................35
11/10—Rev. A to Rev. B
Change to 0 g Offset vs. Temperature for Z-Axis Parameter,
Table 1.................................................................................................4
Changes to Figure 10 to Figure 15 ..................................................9
Changes to Ordering Guide...........................................................37
4/10—Rev. 0 to Rev. A
Changes to Features Section and General
Description Section...........................................................................1
Changes to Specifications Section...................................................3
Changes to Table 2 and Table 3 .......................................................5
Added Package Information Section, Figure 2, and Table 4;
Renumbered Sequentially ................................................................5
Changes to Pin 12 Description, Table 5 .........................................6
Added Typical Performance Characteristics Section ...................7
Changes to Theory of Operation Section and Power Sequencing
Section ..............................................................................................12
Changes to Powers Savings Section, Table 7, Table 8, Auto Sleep
Mode Section, and Standby Mode Section ..................................13
Changes to SPI Section...................................................................14
Changes to Figure 36 to Figure 38 ................................................15
Changes to Table 9 and Table 10 ...................................................16
Changes to I2C Section and Table 11............................................17
Changes to Table 12 ........................................................................18
Changes to Interrupts Section, Activity Section, Inactivity
Section, and FREE_FALL Section.................................................19
Added Table 13................................................................................19
Changes to FIFO Section ...............................................................20
Changes to Self-Test Section and Table 15 to Table 18 ..............21
Added Figures 42 and Table 14 .....................................................21
Changes to Table 19 ........................................................................22
Changes to Register 0x1D—THRESH_TAP (Read/Write)
Section, Register 0x1E, Register 0x1F, Register 0x20—OFSX,
OFSY, OSXZ (Read/Write) Section, Register 0x21—DUR
(Read/Write) Section, Register 0x22—Latent (Read/Write)
Section, and Register 0x23—Window (Read/Write) Section ...23
Changes to ACT_X Enable Bits and INACT_X Enable Bit
Section, Register 0x28—THRESH_FF (Read/Write) Section,
Register 0x29—TIME_FF (Read/Write) Section, Asleep Bit
Section, and AUTO_SLEEP Bit Section.......................................24
Changes to Sleep Bit Section .........................................................25
Changes to Power Supply Decoupling Section, Mechanical
Considerations for Mounting Section, and Tap Detection
Section ..............................................................................................27
Changes to Threshold Section.......................................................28
Changes to Sleep Mode vs. Low Power Mode Section...............29
Added Offset Calibration Section.................................................29
Changes to Using Self-Test Section ..............................................30
Added Data Formatting of Upper Data Rates Section, Figure 48,
and Figure 49 ...................................................................................31
Added Noise Performance Section, Figure 50 to Figure 52, and
Operation at Voltages Other Than 2.5 V Section .......................32
Added Offset Performance at Lowest Data Rates Section and
Figure 53 to Figure 55.....................................................................33
6/09—Revision 0: Initial Version




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl