Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL345BCCZ-RL7 Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL345BCCZ-RL7
Szczegółowy opis  Digital Accelerometer
Pobierz  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXL345
Data Sheet
Rev. D | Page 6 of 40
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration
Any Axis, Unpowered
10,000 g
Any Axis, Powered
10,000 g
VS
−0.3 V to +3.9 V
VDD I/O
−0.3 V to +3.9 V
Digital Pins
−0.3 V to VDD I/O + 0.3 V or 3.9 V,
whichever is less
All Other Pins
−0.3 V to +3.9 V
Output Short-Circuit Duration
(Any Pin to Ground)
Indefinite
Temperature Range
Powered
−40°C to +105°C
Storage
−40°C to +105°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 3. Package Characteristics
Package Type
θJA
θJC
Device Weight
14-Terminal LGA
150°C/W
85°C/W
30 mg
PACKAGE INFORMATION
The information in Figure 2 and Table 4 provide details about
the package branding for the ADXL345. For a complete listing
of product availability, see the Ordering Guide section.
3 4 5 B
# y w w
v v v v
C N T Y
Figure 2. Product Information on Package (Top View)
Table 4. Package Branding Information
Branding Key
Field Description
345B
Part identifier for ADXL345
#
RoHS-compliant designation
yww
Date code
vvvv
Factory lot code
CNTY
Country of origin
ESD CAUTION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl