Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS624WBBGZ-RL Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXRS624WBBGZ-RL
Szczegółowy opis  50,-50/s Yaw Rate Gyro
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
ADXRS624
Rev. A | Page 3 of 12
SPECIFICATIONS
All minimum and maximum specifications are guaranteed; typical specifications are not guaranteed. At TA = −40°C to +105°C, VS= AVCC
= VDD= 5 V, VRATIO= AVCC, angular rate = 0°/s, bandwidth = 80 Hz (COUT = 0.01 µF), IOUT= 100 μA, ±1 g, unless otherwise noted.
Table 1.
Parameter
Conditions
ADXRS624BBGZ
Unit
Min
Typ
Max
SENSITIVITY (RATIOMETRIC)1
Clockwise rotation is positive output
Measurement Range2
Full-scale range over specifications range
±50
±75
°/sec
Initial and Over Temperature
22.5
25
27.5
mV/°/sec
Temperature Drift3
±3
%
Nonlinearity
Best fit straight line
0.1
% of FS
NULL (RATIOMETRIC)1
Null
−40°C to +105°C
2.5
V
Linear Acceleration Effect
Any axis
0.1
°/sec/g
NOISE PERFORMANCE
Rate Noise Density
T
A = 25°C
0.04
°/sec/
√Hz
FREQUENCY RESPONSE
Bandwidth4
1
1000
Hz
Sensor Resonant Frequency
14.5
kHz
SELF-TEST (RATIOMETRIC)1
ST1 Rate-Out Response
ST1 pin from Logic 0 to Logic 1
−1.9
V
ST2 Rate-Out Response
ST2 pin from Logic 0 to Logic 1
1.9
V
Logic 1 Input Voltage
0.8 × V
RATIO
V
Logic 0 Input Voltage
0.2 × V
RATIO
V
Input Impedance
To common
50
kΩ
TEMPERATURE SENSOR (RATIOMETRIC)1
V
OUT at 25°C
Load = 100 MΩ
2.35
2.5
2.65
V
Scale Factor5
At 25°C, V
RATIO = 5 V
9
mV/°C
Load to V
S
25
k
Ω
Load to Common
25
k
Ω
TURN-ON TIME
Power on to ±½°/sec of final
50
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
µA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (V
S)
4.75
5.00
5.25
V
V
RATIO Input
3
V
S
V
Supply Current
3.5
5.0
mA
TEMPERATURE RANGE
Specified Performance
–40
+105
°C
1 Parameter is linearly ratiometric with V
RATIO.
2 The maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3 From +25°C to −40°C or from +25°C to +105°C.
4 Adjusted by the external capacitor, COUT.
5 For a change in temperature from 25°C to 26°C. V
TEMP is ratiometric to VRATIO. See the Temperature Output and Calibration section for more details.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl