Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4661-2 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADA4661-2
Szczegółowy opis  18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4661-2 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADA4661-2 Datasheet HTML 5Page - Analog Devices ADA4661-2 Datasheet HTML 6Page - Analog Devices ADA4661-2 Datasheet HTML 7Page - Analog Devices ADA4661-2 Datasheet HTML 8Page - Analog Devices ADA4661-2 Datasheet HTML 9Page - Analog Devices ADA4661-2 Datasheet HTML 10Page - Analog Devices ADA4661-2 Datasheet HTML 11Page - Analog Devices ADA4661-2 Datasheet HTML 12Page - Analog Devices ADA4661-2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADA4661-2
Rev. 0 | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
20.5 V
Input Voltage
(V−) − 300 mV to (V+) + 300 mV
Input Current1
±10 mA
Differential Input Voltage
Limited by maximum input
current
Output Short-Circuit
Duration to GND
Refer to the Maximum Power
Dissipation section
Temperature Range
Storage
−65°C to +150°C
Operating
−40°C to +125°C
Junction
−65°C to +150°C
Lead Temperature
(Soldering, 60 sec)
300°C
ESD
Human Body Model2
4 kV
Machine Model3
400 V
Field-Induced Charged-
Device Model (FICDM)4
1.25 kV
1
The input pins have clamp diodes to the power supply pins and to each
other. Limit the input current to 10 mA or less when input signals exceed the
power supply rail by 0.3 V.
2
Applicable standard: MIL-STD-883, Method 3015.7.
3
Applicable standard: JESD22-A115-A (ESD machine model standard of
JEDEC).
4
Applicable Standard JESD22-C101C (ESD FICDM standard of JEDEC).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages using a
standard 4-layer JEDEC board. The exposed pad of the LFCSP
package is soldered to the board.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP
142
45
°C/W
8-Lead LFCSP
83.5
48.51
°C/W
1
θJC is measured on the top surface of the package.
ESD CAUTION


Podobny numer części - ADA4661-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
ADA4661-2-KGD-WP AD-ADA4661-2-KGD-WP Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
More results

Podobny opis - ADA4661-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4666-2 AD-ADA4666-2 Datasheet
896Kb / 32P
   18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
REV. 0
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8657 AD-AD8657 Datasheet
1Mb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
AD8659ARZ AD-AD8659ARZ Datasheet
719Kb / 24P
   22 mu A, RRIO, CMOS,18 V Operational Amplifiers
REV. B
logo
Texas Instruments
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com