Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1217IPFBRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS1217IPFBRG4
Szczegółowy opis  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1217IPFBRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS1217IPFBRG4 Datasheet HTML 3Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 4Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 5Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 6Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 7Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 8Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 9Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 10Page - Texas Instruments ADS1217IPFBRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
ADS1217
SBAS260C
7
www.ti.com
SPEC
DESCRIPTION
MIN
MAX
UNITS
t1
SCLK Period
4tOSC Periods
3
DRDY Periods
t2
SCLK Pulse Width, HIGH and LOW
200
ns
t3
CS LOW to First SCLK Edge; Setup Time(1)
0ns
t4
DIN Valid to SCLK Edge; Setup Time
50
ns
t5
Valid DIN to SCLK Edge; Hold Time
50
ns
t6
Delay Between Last SCLK Edge for DIN and First SCLK
Edge for DOUT:
RDATA, RDATAC, RREG, WREG, RRAM, WRAM
50
tOSC Periods
CSREG, CSRAMX, CSRAM
200
tOSC Periods
CSARAM, CSARAMX
1100
tOSC Periods
t7(2)
SCLK Edge to Valid New DOUT
50
ns
t8(2)
SCLK Edge to DOUT, Hold Time
0
ns
t9
Last SCLK Edge to DOUT Tri-State
6
10
tOSC Periods
NOTE: DOUT goes tri-state immediately when CS goes HIGH.
t10
CS LOW Time After Final SCLK Edge
0
ns
t11
Final SCLK Edge of One Op Code Until First Edge SCLK
of Next Command:
RREG, WREG, RRAM, WRAM, CSRAMX, CSARAMX,
tOSC Periods
CSRAM, CSARAM, CSREG, DSYNC, SLEEP, RDATA,
RDATAC, STOPC
4
tOSC Periods
CREG, CRAM
220
tOSC Periods
CREGA
1600
tOSC Periods
SELFGCAL, SELFOCAL, SYSOCAL, SYSGCAL
7
DRDY Periods
SELFCAL
14
DRDY Periods
RESET (Input pin, command, or SCLK pattern)
16
tOSC Periods
t12
300
500
tOSC Periods
t13
5tOSC Periods
t14
550
750
tOSC Periods
t15
1050
1250
tOSC Periods
t16
Pulse Width
4tOSC Periods
t17
Data Not Valid
4
tOSC Periods
NOTES: (1) CS may be tied LOW. (2) Load = 20pF.
TIMING DIAGRAMS
TIMING CHARACTERISTICS
t
4
MSB
(Command or Command and Data)
LSB
t
5
t
1
t
3
CS
SCLK
(POL = 0)
D
IN
D
OUT
NOTE: (1) Bit Order = 0.
SCLK Reset Waveform
t
7
MSB(1)
LSB(1)
t
8
t
10
t
2
t
2
t
11
t
6
t
9
SCLK
(POL = 1)
t
12
t
14
t
15
t
13
t
13
SCLK
t
17
DRDY
t
16
RESET, DSYNC, PDWN
ADS1217
Resets On
Falling Edge


Podobny numer części - ADS1217IPFBRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1217IPFBRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com