Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1222IPWR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1222IPWR
Szczegółowy opis  24-Bit Analog-to-Digital Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1222IPWR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS1222IPWR Datasheet HTML 6Page - Texas Instruments ADS1222IPWR Datasheet HTML 7Page - Texas Instruments ADS1222IPWR Datasheet HTML 8Page - Texas Instruments ADS1222IPWR Datasheet HTML 9Page - Texas Instruments ADS1222IPWR Datasheet HTML 10Page - Texas Instruments ADS1222IPWR Datasheet HTML 11Page - Texas Instruments ADS1222IPWR Datasheet HTML 12Page - Texas Instruments ADS1222IPWR Datasheet HTML 13Page - Texas Instruments ADS1222IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ADS1222
SBAS314B − APRIL 2004 − REVISED JANUARY 2009
www.ti.com
10
TEMPERATURE SENSOR
On-chip diodes provide temperature-sensing capabili-
ty. By setting the TEMPEN pin high, the selected analog
inputs are disconnected and the inputs to the A/D
converter are connected to the anodes of two diodes
scaled to 1x and 64x in current and size inside the mux,
as shown in Figure 18. By measuring the difference in
voltage of these diodes, temperature changes can be
inferred from a baseline temperature. Typically, the
difference in diode voltages is 106mV at 25
°C, with a
temperature coefficient of 360
µV/°C. A similar structure
is used in the MSC1210 for temperature measurement.
For more information, see TI application report
SBAA100, Using the MSC121x as a High-Precision
Intelligent Temperature Sensor, available for download
at www.ti.com.
AINP
AINP1
AINN1
AINP2
AINN2
8I
1I
1X
8X
AINN
TEMPEN
VDD
MUX
Figure 18. Measurement of the Temperature
Sensor in the Input Multiplexer
VOLTAGE REFERENCE INPUTS
(VREFP, VREFN)
The voltage reference used by the modulator is
generated from the voltage difference between VREFP
and VREFN: VREF = VREFP – VREFN. The reference
inputs use a structure similar to that of the analog
inputs. A simplified diagram of the circuitry on the
reference inputs is shown in Figure 19. The switches
and capacitors can be modeled with an effective
impedance of:
t
sample
2
16pF
+ 500kW
where fCLK = 2MHz.
VDD
Self Gain Cal
AINP
(1) f
CLK =2MHz
AINN
VREFP
VREFN
VDD
ESD
Protection
16pF
Zeff = 500k
Ω (1)
Figure 19. Simplified Reference Input Circuitry
ESD diodes protect the reference inputs. To prevent
these diodes from turning on, make sure the voltages
on the reference pins do not go below GND by more
than 100mV, and likewise, do not exceed VDD by
100mV:
GND – 100mV < (VREFP, VREFN) < VDD + 100mV
During self gain calibration, all the switches in the input
multiplexer are opened, VREFN is internally connected
to AINN, and VREFP is connected to AINP. The input
buffer may be disabled or enabled during calibration.
When the buffer is disabled, the reference pins will be
driving the circuitry shown in Figure 9 during self gain
calibration, resulting in increased loading. To prevent
this additional loading from introducing gain errors,
make sure the circuitry driving the reference pins has
adequate drive capability. When the buffer is enabled,
the loading on the reference pins will be much less, but


Podobny numer części - ADS1222IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1222IPWR BURR-BROWN-ADS1222IPWR Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1222IPWR TI1-ADS1222IPWR Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
ADS1222IPWRG4 TI1-ADS1222IPWRG4 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com