Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1013IRUGR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1013IRUGR
Szczegółowy opis  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1013IRUGR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS1013IRUGR Datasheet HTML 7Page - Texas Instruments ADS1013IRUGR Datasheet HTML 8Page - Texas Instruments ADS1013IRUGR Datasheet HTML 9Page - Texas Instruments ADS1013IRUGR Datasheet HTML 10Page - Texas Instruments ADS1013IRUGR Datasheet HTML 11Page - Texas Instruments ADS1013IRUGR Datasheet HTML 12Page - Texas Instruments ADS1013IRUGR Datasheet HTML 13Page - Texas Instruments ADS1013IRUGR Datasheet HTML 14Page - Texas Instruments ADS1013IRUGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
0x7FF0
-
FS
¼
0
¼
FS
InputVoltage(AIN
AIN )
-
P
N
0x7FE0
0x0001
0x0000
0x8000
0xFFF0
0x8010
-
FS
2
-
1
11
2
11
FS
2
-
1
11
2
11
ADS1013
ADS1014
ADS1015
www.ti.com
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
DATA FORMAT
The
ADS1013/4/5
digital
filter
provides
some
attenuation of high-frequency noise, but the digital
The ADS1013/4/5 provide 12 bits of data in binary
Sinc filter frequency response cannot completely
twos complement format. The positive full-scale input
replace an anti-aliasing filter. For a few applications,
produces an output code of 7FF0h and the negative
some external filtering may be needed; in such
full-scale input produces an output code of 8000h.
instances, a simple RC filter is adequate.
The output clips at these codes for signals that
exceed full-scale. Table 4 summarizes the ideal
When designing an input filter circuit, be sure to take
output codes for different input signals. Figure 13
into account the interaction between the filter network
shows code transitions versus input voltage.
and the input impedance of the ADS1013/4/5.
Table 4. Input Signal versus Ideal Output Code
OPERATING MODES
INPUT SIGNAL, VIN
The ADS1013/4/5 operate in one of two modes:
(AINP – AINN)
IDEAL OUTPUT CODE(1)
continuous conversion or single-shot. In continuous
≥ FS (211 – 1)/211
7FF0h
conversion mode, the ADS1013/4/5 continuously
+FS/211
0010h
perform conversions. Once a conversion has been
completed, the ADS1013/4/5 place the result in the
0
0
Conversion register and immediately begins another
–FS/211
FFF0h
conversion. In single-shot mode, the ADS1013/4/5
≤ –FS
8000h
wait until the OS bit is set high. Once asserted, the bit
is set to '0', indicating that a conversion is currently in
1. Excludes the effects of noise, INL, offset, and
progress. Once conversion data are ready, the OS bit
gain errors.
reasserts and the device powers down. Writing a '1'
to the OS bit during a conversion has no effect.
RESET AND POWER-UP
When the ADS1013/4/5 powers up, a reset is
performed.
As
part
of
the
reset
process,
the
ADS1013/4/5 set all of the bits in the Config register
to the respective default settings.
The ADS1013/4/5 respond to the I2C general call
reset command. When the ADS1013/4/5 receive a
general call reset, an internal reset is performed as if
the device had been powered on.
DUTY CYCLING FOR LOW POWER
For many applications, the improved performance at
low data rates may not be required. For these
applications, the ADS1013/4/5 support duty cycling
Figure 13. ADS1013/4/5 Code Transition Diagram
that
can
yield
significant
power
savings
by
periodically requesting high data rate readings at an
effectively
lower
data
rate.
For
example,
an
ALIASING
ADS1013/4/5 in power-down mode with a data rate
As with any data converter, if the input signal
set
to
3300SPS
could
be
operated
by
a
contains frequencies greater than half the data rate,
microcontroller that instructs a single-shot conversion
aliasing occurs. To prevent aliasing, the input signal
every 7.8ms (128SPS). Because a conversion at
must be bandlimited. Some signals are inherently
3300SPS
only
requires
about
0.3ms,
the
bandlimited.
For
example,
the
output
of
a
ADS1013/4/5
enter
power-down
mode
for
the
thermocouple, which has a limited rate of change.
remaining
7.5ms.
In
this
configuration,
the
Nevertheless, they can contain noise and interference
ADS1013/4/5 consume about 1/25th the power of the
components. These components can fold back into
ADS1013/4/5 operated in continuous conversion
the sampling band in the same way as with any other
mode. The rate of duty cycling is completely arbitrary
signal.
and
is
defined
by
the
master
controller.
The
ADS1013/4/5 offer lower data rates that do not
implement duty cycling and offer improved noise
performance if it is needed.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1013 ADS1014 ADS1015


Podobny numer części - ADS1013IRUGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Podobny opis - ADS1013IRUGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com