Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMC1200STDUBRQ1 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części AMC1200STDUBRQ1
Szczegółowy opis  Fully Differential Isolation Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200STDUBRQ1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button AMC1200STDUBRQ1 Datasheet HTML 3Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 4Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 5Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 6Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 7Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 8Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 9Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 10Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
50
60
70
80
90
100
110
120
130
0.1
1
10
100
Input Frequency (kHz)
−40
−30
−20
−10
0
10
20
30
40
−400
−300
−200
−100
0
100
200
300
400
Input Voltage (mV)
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
4.5
4.75
5
5.25
5.5
VDD2 (V)
VDD2 = 4.5 V to 5.5 V
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
4.5
4.75
5
5.25
5.5
VDD1 (V)
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.7
3
3.3
3.6
VDD2 (V)
VDD2 = 2.7 V to 3.6 V
AMC1200-Q1
www.ti.com
SBAS585 – SEPTEMBER 2012
TYPICAL CHARACTERISTICS
At VDD1 = VDD2 = 5 V, VINP = –250 mV to 250 mV, and VINN = 0 V, unless otherwise noted.
INPUT OFFSET
INPUT OFFSET
vs HIGH-SIDE SUPPLY VOLTAGE
vs LOW-SIDE SUPPLY VOLTAGE
Figure 1.
Figure 2.
INPUT OFFSET
INPUT OFFSET
vs LOW-SIDE SUPPLY VOLTAGE
vs TEMPERATURE
Figure 3.
Figure 4.
COMMON-MODE REJECTION RATIO
INPUT CURRENT
vs INPUT FREQUENCY
vs INPUT VOLTAGE
Figure 5.
Figure 6.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: AMC1200-Q1


Podobny numer części - AMC1200STDUBRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results

Podobny opis - AMC1200STDUBRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com