Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1014IRUGT Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1014IRUGT
Szczegółowy opis  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1014IRUGT Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS1014IRUGT Datasheet HTML 1Page - Texas Instruments ADS1014IRUGT Datasheet HTML 2Page - Texas Instruments ADS1014IRUGT Datasheet HTML 3Page - Texas Instruments ADS1014IRUGT Datasheet HTML 4Page - Texas Instruments ADS1014IRUGT Datasheet HTML 5Page - Texas Instruments ADS1014IRUGT Datasheet HTML 6Page - Texas Instruments ADS1014IRUGT Datasheet HTML 7Page - Texas Instruments ADS1014IRUGT Datasheet HTML 8Page - Texas Instruments ADS1014IRUGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
SCL
SDA
t
LOW
t
R
t
F
t
HDSTA
t
HDSTA
t
HDDAT
t
BUF
t
SUDAT
t
HIGH
t
SUSTA
t
SUSTO
P
S
S
P
ADS1013
ADS1014
ADS1015
www.ti.com
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
TIMING REQUIREMENTS
Figure 1. I2C Timing Diagram
Table 1. I2C Timing Definitions
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
SCL operating frequency
fSCL
0.01
0.4
0.01
3.4
MHz
Bus free time between START and STOP
tBUF
600
160
ns
condition
Hold time after repeated START condition.
tHDSTA
600
160
ns
After this period, the first clock is generated.
Repeated START condition setup time
tSUSTA
600
160
ns
Stop condition setup time
tSUSTO
600
160
ns
Data hold time
tHDDAT
0
0
ns
Data setup time
tSUDAT
100
10
ns
SCL clock low period
tLOW
1300
160
ns
SCL clock high period
tHIGH
600
60
ns
Clock/data fall time
tF
300
160
ns
Clock/data rise time
tR
300
160
ns
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1013 ADS1014 ADS1015


Podobny numer części - ADS1014IRUGT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1014IRUGT TI1-ADS1014IRUGT Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Podobny opis - ADS1014IRUGT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com