Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM3352BZCZA30 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części AM3352BZCZA30
Szczegółowy opis  Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AM3352BZCZA30 Arkusz danych(HTML) 1 Page - Texas Instruments

  AM3352BZCZA30 Datasheet HTML 1Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 2Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 3Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 4Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 5Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 6Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 7Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 8Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
Sitara™ AM335x ARM® Cortex™-A8 Microprocessors (MPUs)
Check for Samples: AM3359, AM3358
1
Device Summary
1.1
Features
1234567
– 32KB of L1 Data Cache with Single Error-
• Highlights
Detection (parity)
– Up to 1-GHz Sitara™ ARM® Cortex™-A8
– 256KB of L2 Cache with Error Correcting
32
‑‑Bit RISC Microprocessor
Code (ECC)
NEON™ SIMD Coprocessor
– 176KB of On-Chip Boot ROM
32KB of L1 Instruction and 32KB Data
– 64KB of Dedicated RAM
Cache with Single-Error Detection (parity)
– Emulation and Debug
256KB of L2 Cache with Error Correcting
Code (ECC)
JTAG
– mDDR(LPDDR), DDR2, DDR3, DDR3L
– Interrupt Controller (up to 128 interrupt
Support
requests)
– General-Purpose Memory Support (NAND,
• On-Chip Memory (Shared L3 RAM)
NOR, SRAM) Supporting Up to 16-bit ECC
– 64 KB of General-Purpose On-Chip Memory
– SGX530 3D Graphics Engine
Controller (OCMC) RAM
– LCD and Touchscreen Controller
– Accessible to all Masters
– Programmable Real-Time Unit and Industrial
– Supports Retention for Fast Wake-Up
Communication Subsystem (PRU-ICSS)
• External Memory Interfaces (EMIF)
– Real-Time Clock (RTC)
– mDDR(LPDDR), DDR2, DDR3, DDR3L
– Up to Two USB 2.0 High-Speed OTG Ports
Controller:
with Integrated PHY
mDDR: 200-MHz Clock (400-MHz Data
– 10, 100, 1000 Ethernet Switch Supporting Up
Rate)
to Two Ports
DDR2: 266-MHz Clock (532-MHz Data
– Serial Interfaces Including:
Rate)
Two Controller Area Network Ports (CAN)
DDR3: 400-MHz Clock (800-MHz Data
Rate)
Six UARTs, Two McASPs, Two McSPI,
and Three I2C Ports
DDR3L: 400-MHz Clock (800-MHz Data
Rate)
– 12-Bit Successive Approximation Register
(SAR) ADC
16-Bit Data Bus
– Up to Three 32-Bit Enhanced Capture
1 GB of Total Addressable Space
Modules (eCAP)
Supports One x16 or Two x8 Memory
– Up to Three Enhanced High-Resolution PWM
Device Configurations
Modules (eHRPWM)
– General-Purpose Memory Controller (GPMC)
– Crypto Hardware Accelerators (AES, SHA,
Flexible 8-Bit and 16-Bit Asynchronous
PKA, RNG)
Memory Interface with Up to seven Chip
Selects (NAND, NOR, Muxed-NOR, SRAM)
• MPU Subsystem
Uses BCH Code to Support 4-Bit, 8-Bit, or
16-Bit ECC
– Up to 1-GHz ARM® Cortex™-A8 32-Bit RISC
Microprocessor
Uses Hamming Code to Support 1-Bit
ECC
– NEON™ SIMD Coprocessor
– Error Locator Module (ELM)
– 32KB of L1 Instruction Cache with Single-
Error Detection (parity)
Used in Conjunction with the GPMC to
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Sitara, SmartReflex, DSP/BIOS, XDS are trademarks of Texas Instruments.
3
Cortex, NEON are trademarks of ARM Ltd or its subsidiaries.
4
ARM is a registered trademark of ARM Ltd or its subsidiaries.
5
EtherCAT is a registered trademark of EtherCAT Technology Group.
6
POWERVR SGX is a trademark of Imagination Technologies Limited.
7
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2011–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Podobny numer części - AM3352BZCZA30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM3352BZCZA30 TI1-AM3352BZCZA30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZA30 TI1-AM3352BZCZA30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZA30 TI1-AM3352BZCZA30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZA30 TI1-AM3352BZCZA30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZA30 TI1-AM3352BZCZA30 Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

Podobny opis - AM3352BZCZA30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com