Zakładka z wyszukiwarką danych komponentów |
|
AM3356BZCZ30 Arkusz danych(PDF) 8 Page - Texas Instruments |
|
|
AM3356BZCZ30 Arkusz danych(HTML) 8 Page - Texas Instruments |
8 / 236 page AM3359, AM3358, AM3357 AM3356, AM3354, AM3352 SPRS717F – OCTOBER 2011 – REVISED APRIL 2013 www.ti.com Revision History NOTE: Page numbers for previous revisions may differ from page numbers in the current version. Changes from Revision E (January 2013) to Revision F Page • Changed device status to Production Data ....................................................................................... 1 • Changed ARM speeds features list item .......................................................................................... 1 • Changed MPU Subsystem speeds features list item ........................................................................... 1 • Changed Features list item for DDR3 ............................................................................................. 1 • Changed Features list item for DDR3L ........................................................................................... 1 • Changed Figure 1-1, AM335x Functional Block Diagram ...................................................................... 6 • Changed Type value to I for Mode 2 (uart5_rxd) in Table 2-7, Ball Characteristics (ZCE and ZCZ Packages) ....... 37 • Added Footnote (3) in Table 2-7, Ball Characteristics (ZCE and ZCZ Packages) ......................................... 49 • Changed Footnote (4) in Table 2-7, Ball Characteristics (ZCE and ZCZ Packages) ...................................... 49 • Added RTC_PORz Signal Name to Table 2-17, Miscellaneous/Miscellaneous Signals Description .................... 60 • Deleted ESD-CDM (Charged-Device Model) Corner Terminals Parameter and changed MIN value for Latch-up Performance Parameter in Table 3-1 ............................................................................................ 80 • Changed DDR3, DDR3L value for OPP100 and deleted Footnote (3) in Table 3-2, VDD_CORE Operating Performance Points for ZCZ Package with Device Revision Code "Blank" ................................................ 82 • Deleted OPP50 row from Table 3-3, VDD_MPU Operating Performance Points for ZCZ Package with Device Revision Code "Blank" ............................................................................................................. 82 • Added Table 3-4, Valid Combinations of VDD_CORE and VDD_MPU Operating Performance Points for ZCZ Package with Device Revision Code "Blank" ................................................................................... 82 • Changed DDR3, DDR3L value for OPP100, deleted Footnote (4) and deleted OPP50 row from Table 3-5, VDD_CORE Operating Performance Points for ZCE Package with Device Revision Code "Blank" .................... 83 • Changed DDR3, DDR3L value for OPP100 and deleted Footnote (3) in Table 3-6, VDD_CORE Operating Performance Points for ZCZ Package with Device Revision Code "A" or Newer ......................................... 84 • Changed Table 3-7, VDD_MPU Operating Performance Points for ZCZ Package with Device Revision Code "A" or Newer ............................................................................................................................. 84 • Added Table 3-8, Valid Combinations of VDD_CORE and VDD_MPU Operating Performance Points for ZCZ Package with Device Revision Code "A" or Newer ............................................................................ 84 • Changed DDR3, DDR3L value for OPP100 and deleted Footnote (4) in Table 3-9, VDD_CORE Operating Performance Points for ZCE Package with Device Revision Code "A" or Newer ......................................... 85 • Added VDD_MPU Nitro Description and MAX value in Table 3-10, Maximum Current Ratings at AM335x Power Terminals ............................................................................................................................ 86 • Changed MAX value for VDDS_DDR Supply in Table 3-10, Maximum Current Ratings at AM335x Power Terminals ............................................................................................................................ 86 • Added paragraphs in the POH section before and after Table 3-11, Reliability Data ..................................... 87 • Added Operating Condition Nitro to Table 3-11, Reliability Data ............................................................ 87 • Added MIN, NOM, and MAX for VDD_MPU Nitro mode; deleted values from USB0_ID and USB1_ID; added Footnote (7) in Table 3-12, Recommended Operating Conditions .......................................................... 87 • Changed VOH, VOL, II and IOZ Parameter values in Table 3-13, DC Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating Temperature ...................................................................... 90 • Deleted TYP value for CVDDS_DDR Parameter in Table 3-15, Power-Supply Decoupling Capacitor Characteristics ... 94 • Changed second paragraph in Section 4.2.2.3, OSC1 Internal Oscillator Clock Source ............................... 110 • Changed second paragraph in Section 4.2.2.4, OSC1 LVCMOS Digital Clock Source ................................. 112 • Added Section 5.4, DMTimer .................................................................................................... 117 • Added OPP50 MIN values for all parameters and changed OPP100 MIN value for Parameters F13 and F22 in Table 5-21, GPMC and NOR Flash Timing Requirements—Synchronous Mode ........................................ 126 • Added OPP50 MIN and MAX values and changed MIN values of OPP100 Parameters F7 and F8 in Table 5-22, GPMC and NOR Flash Switching Characteristics—Synchronous Mode .................................................. 127 • Changed OPP50 MIN and MAX Parameter values in Table 5-26, GPMC and NOR Flash Switching Characteristics—Asynchronous Mode ......................................................................................... 136 • Changed OPP50 MIN and MAX Parameter values in Table 5-30, GPMC and NAND Flash Switching Characteristics—Asynchronous Mode ......................................................................................... 145 • Changed MIN value for Parameter 1 in Table 5-56, Switching Characteristics for DDR3 Memory Interface ........ 170 • Added Conditions to Parameter 1 and deleted Footnote in Table 5-58, Compatible JEDEC DDR3 Devices (Per Interface) ........................................................................................................................... 174 • Changed Footnote (12) in Table 5-66, CK and ADDR_CTRL Routing Specification .................................... 187 • Changed Footnote (11) in Table 5-67, DQS[x] and DQ[x] Routing Specification ........................................ 188 8 Contents Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 |
Podobny numer części - AM3356BZCZ30 |
|
Podobny opis - AM3356BZCZ30 |