Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1623 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części 2SD1623
Szczegółowy opis  High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1623 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  2SD1623 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1623 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1623 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1623 Datasheet HTML 4Page - Sanyo Semicon Device 2SD1623 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SB1123 / 2SD1623
No.1727-3/5
--2.4
--1.6
--1.2
--0.8
--0.4
--2.0
0
0
--0.4
--0.8
--2.4
--2.0
--1.6
--1.2
IC -- VCE
IB=0mA
ITR08891
2SB1123
Pulse
--2mA
--8mA
--6mA
--4mA
--20mA
--10mA
--50mA
--1200
--800
--600
--400
--200
--1000
0
0
--2
--4
--12
--10
--8
--6
IC -- VCE
IB=0mA
ITR08893
2SB1123
Pulse
--3mA
--2mA
--1mA
--7mA
--6mA
--5mA
--4mA
1200
800
600
400
200
1000
0
02
4
12
10
8
6
IC -- VCE
IB=0mA
ITR08894
2SD1623
Pulse
3mA
2mA
1mA
7mA
6mA
5mA
4mA
2.4
1.6
1.2
0.8
0.4
2.0
0
0
0.4
0.8
2.4
2.0
1.6
1.2
IC -- VCE
IB=0mA
ITR08892
2SD1623
Pulse
2mA
8mA
4mA
25mA
15mA
50mA
40mA
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
2
3
5
10
7
1000
2
3
5
7
100
23
5
--10
23
5
5
--100
23
7
7
--1000
ITR08897
2SB1123
VCE= --2V
hFE -- IC
2
3
5
10
7
1000
2
3
5
7
100
23
5
10
23
5
5
100
23
7
7
1000
ITR08898
2SD1623
VCE=2V
Collector Current, IC -- mA
Collector Current, IC -- mA
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
--1200
--1000
--800
--600
--400
--200
0
IC -- VBE
ITR08895
2SB1123
VCE= --2V
0
0.2
0.4
0.6
0.8
1.2
1.0
1200
1000
800
600
400
200
0
IC -- VBE
ITR08896
2SD1623
VCE=2V
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V


Podobny numer części - 2SD1623

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SD1623 SANYO-2SD1623 Datasheet
114Kb / 4P
   High-Current Switching Applications
logo
Guangdong Kexin Industr...
2SD1623 KEXIN-2SD1623 Datasheet
56Kb / 2P
   NPN Epitaxial Planar Silicon Transistor
logo
Sanyo Semicon Device
2SD1623 SANYO-2SD1623 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
ON Semiconductor
2SD1623 ONSEMI-2SD1623 Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
logo
Guangdong Kexin Industr...
2SD1623-R KEXIN-2SD1623-R Datasheet
1Mb / 3P
   NPN Transistors
More results

Podobny opis - 2SD1623

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com