Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6133A2RTJT Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6133A2RTJT
Szczegółowy opis  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6133A2RTJT Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA6133A2RTJT Datasheet HTML 2Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 3Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 4Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 5Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 6Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 7Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 8Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 9Page - Texas Instruments TPA6133A2RTJT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
Output Power (W)
VDD = 2.5V
VDD = 3.0V
VDD = 3.6V
VDD = 5.0V
C006
V
DD = 2.5V
f = 1kHz
R
L = 32Ÿ
Stereo
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
Po = 1mW
Po = 4mW
Po = 20mW
C004
V
DD
= 2.5V
R
L
= 16
Ÿ
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
Po = 5mW
Po = 20mW
Po = 40mW
C004
V
DD
= 3.0V
R
L
= 16
Ÿ
0.001
0.01
0.1
1
10
0.01
0.1
1
Output Power (W)
Out of Phase
In Phase
C007
V
DD = 3.6V
f = 1kHz
R
L = 16Ÿ
Stereo
0.001
0.01
0.1
1
10
0.01
0.1
1
Output Power (W)
Out of Phase
In Phase
C007
V
DD = 3.6V
f = 1kHz
R
L = 32Ÿ
Stereo
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
Output Power (W)
VDD = 2.5V
VDD = 3.0V
VDD = 3.6V
VDD = 5.0V
C006
V
DD = 2.5V
f = 1kHz
R
L = 16Ÿ
Stereo
TPA6133A2
SLOS821 – JUNE 2013
www.ti.com
Table of Graphs
FIGURE
Total harmonic distortion + noise
versus Output power
1–4
Total harmonic distortion + noise
versus Frequency
5–12
Supply voltage rejection ratio
versus Frequency
13-14
Common mode rejection ratio
versus Frequency
15-16
Crosstalk
versus Frequency
17-18
TYPICAL CHARACTERISTICS
C(PUMP, DECOUPLE, ,BYPASS, CPVSS) = 1 μF, CI = 2.2µF.
All THD + N graphs taken with outputs out of phase (unless otherwise noted).
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
Figure 3.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
OUTPUT POWER
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
6
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPA6133A2


Podobny numer części - TPA6133A2RTJT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6133A2RTJT TI1-TPA6133A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2RTJT TI1-TPA6133A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results

Podobny opis - TPA6133A2RTJT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com