Zakładka z wyszukiwarką danych komponentów |
|
SN74HCT138PWE4 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
SN74HCT138PWE4 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 21 page SN54HCT138, SN74HCT138 3LINE TO 8LINE DECODERS/DEMULTIPLEXERS SCLS171E − MARCH 1984 − REVISED SEPTEMBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operating Voltage Range of 4.5 V to 5.5 V D Outputs Can Drive Up To 10 LSTTL Loads D Low Power Consumption, 80-µA Max ICC D Typical tpd = 17 ns D ±4-mA Output Drive at 5 V D Low Input Current of 1 µA Max D Inputs Are TTL-Voltage Compatible D Designed Specifically for High-Speed Memory Decoders and Data Transmission Systems D Incorporate Three Enable Inputs to Simplify Cascading and/or Data Reception 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 Y1 Y2 NC Y3 Y4 C G2A NC G2B G1 SN54HCT138 ...FK PACKAGE (TOP VIEW) NC − No internal connection 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 A B C G2A G2B G1 Y7 GND VCC Y0 Y1 Y2 Y3 Y4 Y5 Y6 SN54HCT138 ...J OR W PACKAGE SN74HCT138 . . . D, N, NS, OR PW PACKAGE (TOP VIEW) description/ordering information The ’HCT138 devices are designed for high-performance memory-decoding or data-routing applications requiring very short propagation delay times. In high-performance memory systems, these decoders can minimize the effects of system decoding. When employed with high-speed memories utilizing a fast enable circuit, the delay times of these decoders and the enable time of the memory usually are less than the typical access time of the memory. This means that the effective system delay introduced by the decoders is negligible. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube of 25 SN74HCT138N SN74HCT138N Tube of 40 SN74HCT138D SOIC − D Reel of 2500 SN74HCT138DR HCT138 −40 °C to 85°C SOIC − D Reel of 250 SN74HCT138DT HCT138 −40 °C to 85°C SOP − NS Reel of 2000 SN74HCT138NSR HCT138 Tube of 90 SN74HCT138PW TSSOP − PW Reel of 2000 SN74HCT138PWR HT138 TSSOP − PW Reel of 250 SN74HCT138PWT HT138 CDIP − J Tube of 25 SNJ54HCT138J SNJ54HCT138J −55 °C to 125°C CFP − W Tube of 150 SNJ54HCT138W SNJ54HCT138W −55 C to 125 C LCCC − FK Tube of 55 SNJ54HCT138FK SNJ54HCT138FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Podobny numer części - SN74HCT138PWE4 |
|
Podobny opis - SN74HCT138PWE4 |