Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM340L Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM340L
Szczegółowy opis  LM140L/LM340L Series 3-Terminal Positive Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM340L Arkusz danych(HTML) 3 Page - Texas Instruments

  LM340L Datasheet HTML 1Page - Texas Instruments LM340L Datasheet HTML 2Page - Texas Instruments LM340L Datasheet HTML 3Page - Texas Instruments LM340L Datasheet HTML 4Page - Texas Instruments LM340L Datasheet HTML 5Page - Texas Instruments LM340L Datasheet HTML 6Page - Texas Instruments LM340L Datasheet HTML 7Page - Texas Instruments LM340L Datasheet HTML 8Page - Texas Instruments LM340L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM140L, LM340L
www.ti.com
SNVS758B – APRIL 1998 – REVISED MARCH 2013
Electrical Characteristics (continued)
Test conditions unless otherwise specified. TA = −55°C to +125°C (LM140LA), TA = 0°C to +70°C (LM340LA), IO = 40 mA, CIN
= 0.33
μF, CO = 0.01 μF.
Output Voltage Option
5.0V
12V
15V
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VN
Output Noise Tj = 25°C
(2), f = 10 Hz–10 kHz
40
80
90
μV
Voltage
f = 120 Hz, VIN = ( )V
55
62
47
54
45
52
ΔVIN
Ripple
dB
ΔVout
Rejection
(7.5–18)
(14.5–25)
(17.5–28.5)
Input Voltage
Required to
Tj = 25°C, IO = 40 mA
7
14.2
17.3
V
Maintain Line
Regulation
(2)
It is recommended that a minimum load capacitor of 0.01
μF be used to limit the high frequency noise bandwidth.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM140L LM340L


Podobny numer części - LM340L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM340L NSC-LM340L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340L TI-LM340L Datasheet
303Kb / 13P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM340LAH-12 NSC-LM340LAH-12 Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
LM340LAH-15 NSC-LM340LAH-15 Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
LM340LAH-5.0 NSC-LM340LAH-5.0 Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
More results

Podobny opis - LM340L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com