Zakładka z wyszukiwarką danych komponentów |
|
74LVC1G125GV Arkusz danych(PDF) 10 Page - NXP Semiconductors |
|
74LVC1G125GV Arkusz danych(HTML) 10 Page - NXP Semiconductors |
10 / 20 page 74LVC1G125 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 11 — 2 July 2012 10 of 20 NXP Semiconductors 74LVC1G125 Bus buffer/line driver; 3-state 13. Package outline Fig 11. Package outline SOT353-1 (TSSOP5) UNIT A1 A max. A2 A3 bp L HE Lp wy v ce D(1) E(1) Z(1) θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 0.1 0 1.0 0.8 0.30 0.15 0.25 0.08 2.25 1.85 1.35 1.15 0.65 e1 1.3 2.25 2.0 0.60 0.15 7 ° 0 ° 0.1 0.1 0.3 0.425 DIMENSIONS (mm are the original dimensions) Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.46 0.21 SOT353-1 MO-203 SC-88A 00-09-01 03-02-19 w M bp D Z e e1 0.15 13 5 4 θ A A2 A1 Lp (A3) detail X L HE E c v M A X A y 1.5 3 mm 0 scale TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm SOT353-1 1.1 |
Podobny numer części - 74LVC1G125GV |
|
Podobny opis - 74LVC1G125GV |