Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC285SPD-30 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TC285SPD-30
Szczegółowy opis  Very Low Noise, Very High Sensitivity, Electronically Variable Charge Domain Gain
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TC285SPD-30 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TC285SPD-30 Datasheet HTML 4Page - Texas Instruments TC285SPD-30 Datasheet HTML 5Page - Texas Instruments TC285SPD-30 Datasheet HTML 6Page - Texas Instruments TC285SPD-30 Datasheet HTML 7Page - Texas Instruments TC285SPD-30 Datasheet HTML 8Page - Texas Instruments TC285SPD-30 Datasheet HTML 9Page - Texas Instruments TC285SPD-30 Datasheet HTML 10Page - Texas Instruments TC285SPD-30 Datasheet HTML 11Page - Texas Instruments TC285SPD-30 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TC285SPD-B0
1004 x 1002 PIXEL IMPACTRONTM CCD IMAGE SENSOR
SOCS093 – JANUARY 2006
TEXAS
INSTRUMENTS
POST OFFICE BOX 655303 * DALLAS TEXAS 75265
8
Absolute maximum ratings over operating free-air temperature range
(unless otherwise noted)*
Supply voltage range, Vss: VDD, VCLD (see Note1) ………… 0V to + 15V
Supply voltage range, Vss: ODB………………………………… 0V to + 22V
Supply voltage range, Vss: FP, VREFG ………………………… 0V to + 8V
Input voltage range, Vi: IAG, SAG………. …………………… - 8V to + 8V
Input voltage range, Vi: SRG, RST……………………………
0V to + 10V
Input voltage range, Vi: CMG ………………………………… -5V to + 23V
Supply voltage range, Vcool: P+ (see Note2)………………….. 0V to + 7V
Supply current range, Icool: P+ (see Note2) ………………
0A to 1.8A
Operating free-air temperature range, Ta ……………………… -10°C to 45°C
Storage temperature range, Tstg ……………………………… -30°C to 85°C
Operating case temperature range …………………..…..….……-10°C to 55°C
Dew point of package inside gas (see Note2)……….…..….… Less than -20°C
*
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect the device reliability.
Note 1: All voltage values are with respect to substrate terminal.
Note 2: Peltier cooler generates heat during cooling process. To keep the case temperature range, the heat
must be removed through an external heat sink. See Figure 12 for reference of CCD temperature vs Icool.
In order to avoid condensation upon the surface do not cool the CCD to less than -20 degrees C.
Be careful when attaching external heat sink to package. Fastening it too strongly may crack or puncture
the package, making it susceptible to moisture or humidity.


Podobny numer części - TC285SPD-30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TC285SPD-B0 TI-TC285SPD-B0 Datasheet
419Kb / 30P
[Old version datasheet]   1004 x 1002 PIXEL IMPACTRONTM CCD IMAGE SENSOR
More results

Podobny opis - TC285SPD-30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAITIEN ELECTRONICS CO....
XO-0171-VLEU TAITIEN-XO-0171-VLEU Datasheet
285Kb / 3P
   High Frequency Very Low Noise/Low g-Sensitivity VCXO
logo
Broadcom Corporation.
MGA-13216 BOARDCOM-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
DEMO-MGA-13X16 BOARDCOM-DEMO-MGA-13X16 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13116 AVAGO-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13216 AVAGO-MGA-13216_15 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13116 BOARDCOM-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13216 AVAGO-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13116 AVAGO-MGA-13116_15 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
United Monolithic Semic...
CHA2394 UMS-CHA2394 Datasheet
102Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395_15 Datasheet
108Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com