Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8099ARDN-EBZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD8099ARDN-EBZ
Szczegółowy opis  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8099ARDN-EBZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD8099ARDN-EBZ Datasheet HTML 7Page - Analog Devices AD8099ARDN-EBZ Datasheet HTML 8Page - Analog Devices AD8099ARDN-EBZ Datasheet HTML 9Page - Analog Devices AD8099ARDN-EBZ Datasheet HTML 10Page - Analog Devices AD8099ARDN-EBZ Datasheet HTML 11Page - Analog Devices AD8099ARDN-EBZ Datasheet HTML 12Page - Analog Devices AD8099ARDN-EBZ Datasheet HTML 13Page - Analog Devices AD8099ARDN-EBZ Datasheet HTML 14Page - Analog Devices AD8099ARDN-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD8099
Data Sheet
Rev. D | Page 10 of 28
FREQUENCY (MHz)
0.1
1.0
10.0
–120
–50
–100
–90
–80
–70
–60
–110
SOLID LINES – SECOND HARMONICS
DOTTED LINES – THIRD HARMONICS
G = +10
RL = 1k
VS = ±2.5V
VOUT = 1V p-p
VS = ±5V
VOUT = 2V p-p
Figure 29. Harmonic Distortion vs. Frequency and Supply Voltage (SOIC)
OUTPUT AMPLITUDE (V p-p)
7
1
234
56
–110
–40
–90
–80
–70
–60
–50
–100
SOLID LINE – SECOND HARMONIC
DOTTED LINE – THIRD HARMONIC
G = +5
VS = ±5V
f = 10MHz
RL = 100
Figure 30. Harmonic Distortion vs. Output Amplitude (SOIC)
OUTPUT AMPLITUDE (V p-p)
7
12
34
56
–120
–110
–40
–90
–80
–70
–60
–50
–100
SOLID LINE – SECOND HARMONIC
DOTTED LINE – THIRD HARMONIC
G = +5
VS = ±5V
f = 10MHz
RL = 1k
Figure 31. Harmonic Distortion vs. Output Amplitude (SOIC)
FREQUENCY (MHz)
0.1
1.0
10.0
–120
–110
–50
–90
–80
–70
–60
–100
SOLID LINES – SECOND HARMONICS
DOTTED LINE – THIRD HARMONICS
SOLID LINES – SECOND HARMONICS
DOTTED LINES – THIRD HARMONICS
G = +10
RL = 1k
VS = ±2.5V
VOUT = 1V p-p
VS = ±5V
VOUT = 2V p-p
Figure 32. Harmonic Distortion vs. Frequency for Various Supplies (LFCSP)
OUTPUT AMPLITUDE (V p-p)
7
1
23456
–110
–40
–90
–80
–70
–60
–50
–100
SOLID LINE – SECOND HARMONIC
DOTTED LINE – THIRD HARMONIC
G = +5
VS = ±5V
f = 10MHz
RL = 100
Figure 33. Harmonic Distortion vs. Output Amplitude (LFCSP)
OUTPUT AMPLITUDE (V p-p)
7
1
2345
6
–120
–110
–40
–90
–80
–70
–60
–50
–100
SOLID LINE – SECOND HARMONIC
DOTTED LINE – THIRD HARMONIC
G = +5
VS = ±5V
f = 10MHz
RL = 1k
Figure 34. Harmonic Distortion vs. Output Amplitude (LFCSP)


Podobny numer części - AD8099ARDN-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8099ARD AD-AD8099ARD Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ARD-REEL AD-AD8099ARD-REEL Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ARD-REEL7 AD-AD8099ARD-REEL7 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ARDZ AD-AD8099ARDZ Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ARDZ-REEL AD-AD8099ARDZ-REEL Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
More results

Podobny opis - AD8099ARDN-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
AD8045 AD-AD8045_16 Datasheet
519Kb / 26P
   3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
AD8045 AD-AD8045 Datasheet
667Kb / 24P
   3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
AD8045 AD-AD8045_15 Datasheet
709Kb / 25P
   3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
   Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
REV. A
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com