Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF640NPBF Arkusz danych(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Numer części IRF640NPBF
Szczegółowy opis  Advanced Process Technology Dynamic dv/dt Rating 175 Operating Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF640NPBF Arkusz danych(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRF640NPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
IRF640NPbF/SPbF/LPbF
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
175
0
100
200
300
400
500
600
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
4.4A
7.6A
11A
www.kersemi.com


Podobny numer części - IRF640NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF640NPBF IRF-IRF640NPBF Datasheet
300Kb / 12P
   HEXFET짰 Power MOSFET
IRF640NPBF IRF-IRF640NPBF Datasheet
341Kb / 11P
   Advanced Process Technology
IRF640NPBF IRF-IRF640NPBF Datasheet
341Kb / 11P
   Advanced Process Technology
IRF640NPBF IRF-IRF640NPBF_15 Datasheet
341Kb / 11P
   Advanced Process Technology
More results

Podobny opis - IRF640NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFP150MPBF IRF-IRFP150MPBF Datasheet
1Mb / 8P
   Advanced Process Technology, Dynamic dv/dt Rating
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Kersemi Electronic Co.,...
IRFR224PBF KERSEMI-IRFR224PBF Datasheet
4Mb / 10P
   Dynamic dv/dt Rating
logo
International Rectifier
IRLL2705TRPBF IRF-IRLL2705TRPBF Datasheet
231Kb / 9P
   DYNAMIC DV/DT RATING
logo
Kersemi Electronic Co.,...
IRFR9220TRR KERSEMI-IRFR9220TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
logo
List of Unclassifed Man...
AUIRF1404S ETC2-AUIRF1404S Datasheet
233Kb / 13P
   Dynamic dV/dT Rating
logo
Infineon Technologies A...
AUIRFR2407 INFINEON-AUIRFR2407 Datasheet
569Kb / 10P
   Dynamic dV/dT Rating
2015-11-23
logo
Vishay Telefunken
SIHFZ34 TFUNK-SIHFZ34 Datasheet
1Mb / 9P
   Dynamic dV/dt Rating
logo
Kersemi Electronic Co.,...
IRFR420PBF KERSEMI-IRFR420PBF Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
IRFR420TRR KERSEMI-IRFR420TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com