Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF4905S Arkusz danych(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Numer części IRF4905S
Szczegółowy opis  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF4905S Arkusz danych(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRF4905S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF4905S Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF4905S/L
HEXFET® Power MOSFET
l Advanced Process Technology
l Surface Mount (IRF4905S)
l Low-profile through-hole (IRF4905L)
l 175°C Operating Temperature
l Fast Switching
l P-Channel
l Fully Avalanche Rated
S
D
G
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRF4905L) is available for low-
profile applications.
Description
VDSS = -55V
RDS(on) = 0.02Ω
ID = -74A
2
D
P a k
T O - 262
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
…
-74
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V…
-52
A
IDM
Pulsed Drain Current
…
-260
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
930
mJ
IAR
Avalanche Current

-38
A
EAR
Repetitive Avalanche Energy

20
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C


Podobny numer części - IRF4905S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF4905S IRF-IRF4905S Datasheet
163Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
IRF4905S IRF-IRF4905S Datasheet
174Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF4905S ISC-IRF4905S Datasheet
444Kb / 4P
   isc P-Channel MOSFET Transistor
2023-9-5
logo
International Rectifier
IRF4905SPBF IRF-IRF4905SPBF Datasheet
357Kb / 11P
   HEXFET Power MOSFET
IRF4905SPBF IRF-IRF4905SPBF_15 Datasheet
366Kb / 12P
   Advanced Process Technology
More results

Podobny opis - IRF4905S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com