Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K103K15X7RK53H5 Arkusz danych(PDF) 7 Page - Vishay Siliconix

Numer części K103K15X7RK53H5
Szczegółowy opis  Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K103K15X7RK53H5 Arkusz danych(HTML) 7 Page - Vishay Siliconix

  K103K15X7RK53H5 Datasheet HTML 1Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 2Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 3Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 4Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 5Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 6Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 7Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 8Page - Vishay Siliconix K103K15X7RK53H5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 45171
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 16-Nov-09
73
Mono-Kap
Multilayer Ceramic Dipped Radial Capacitors
200 VDC and 500 VDC
Vishay
MONO-KAP X7R - 500 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
20 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)
100
500
K101K15X7RL5.H5
K101M15X7RL5.H5
5.0 (0.20)
120
K121K15X7RL5.H5
K121M15X7RL5.H5
5.0 (0.20)
150
K151K15X7RL5.H5
K151M15X7RL5.H5
5.0 (0.20)
180
K181K15X7RL5.H5
K181M15X7RL5.H5
5.0 (0.20)
220
K221K15X7RL5.H5
K221M15X7RL5.H5
5.0 (0.20)
270
K271K15X7RL5.H5
K271M15X7RL5.H5
5.0 (0.20)
330
K331K15X7RL5.H5
K331M15X7RL5.H5
5.0 (0.20)
390
K391K15X7RL5.H5
K391M15X7RL5.H5
5.0 (0.20)
470
K471K15X7RL5.H5
K471M15X7RL5.H5
5.0 (0.20)
560
K561K15X7RL5.H5
K561M15X7RL5.H5
5.0 (0.20)
680
K681K15X7RL5.H5
K681M15X7RL5.H5
5.0 (0.20)
820
K821K15X7RL5.H5
K821M15X7RL5.H5
5.0 (0.20)
1000
K102K15X7RL5.H5
K102M15X7RL5.H5
5.0 (0.20)
1200
K122K15X7RL5.H5
K122M15X7RL5.H5
5.0 (0.20)
1500
K152K15X7RL5.H5
K152M15X7RL5.H5
5.0 (0.20)
1800
K182K15X7RL5.H5
K182M15X7RL5.H5
5.0 (0.20)
2200
K222K15X7RL5.H5
K222M15X7RL5.H5
5.0 (0.20)
2700
K272K15X7RL5.H5
K272M15X7RL5.H5
5.0 (0.20)
3300
K332K20X7RL5.H5
K332M20X7RL5.H5
5.0 (0.20)
3900
K392K20X7RL5.H5
K392M20X7RL5.H5
5.0 (0.20)
4700
K472K20X7RL5.H5
K472M20X7RL5.H5
5.0 (0.20)
5600
K562K20X7RL5.H5
K562M20X7RL5.H5
5.0 (0.20)
6800
K682K20X7RL5.H5
K682M20X7RL5.H5
5.0 (0.20)
8200
K822K20X7RL5.H5
K822M20X7RL5.H5
5.0 (0.20)
10 000
K103K20X7RL5.H5
K103M20X7RL5.H5
5.0 (0.20)
12 000
K123K20X7RL5.H5
K123M20X7RL5.H5
5.0 (0.20)
15 000
K153K20X7RL5.H5
K153M20X7RL5.H5
5.0 (0.20)
18 000
K183K20X7RL5.H5
K183M20X7RL5.H5
5.0 (0.20)
22 000
K223K20X7RL5.H5
K223M20X7RL5.H5
5.0 (0.20)
27 000
K273K20X7RL5.H5
K273M20X7RL5.H5
5.0 (0.20)
33 000
K333K20X7RL5.H5
K333M20X7RL5.H5
5.0 (0.20)
39 000
K393K20X7RL5.H5
K393M20X7RL5.H5
5.0 (0.20)
47 000
K473K20X7RL5.H5
K473M20X7RL5.H5
5.0 (0.20)


Podobny numer części - K103K15X7RK53H5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
K103K15X7RK5.H5 VISHAY-K103K15X7RK5.H5 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K103K15X7RK5.L2 VISHAY-K103K15X7RK5.L2 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
More results

Podobny opis - K103K15X7RK53H5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com