Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K103K20X7RK53H5 Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części K103K20X7RK53H5
Szczegółowy opis  Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K103K20X7RK53H5 Arkusz danych(HTML) 6 Page - Vishay Siliconix

  K103K20X7RK53H5 Datasheet HTML 1Page - Vishay Siliconix K103K20X7RK53H5 Datasheet HTML 2Page - Vishay Siliconix K103K20X7RK53H5 Datasheet HTML 3Page - Vishay Siliconix K103K20X7RK53H5 Datasheet HTML 4Page - Vishay Siliconix K103K20X7RK53H5 Datasheet HTML 5Page - Vishay Siliconix K103K20X7RK53H5 Datasheet HTML 6Page - Vishay Siliconix K103K20X7RK53H5 Datasheet HTML 7Page - Vishay Siliconix K103K20X7RK53H5 Datasheet HTML 8Page - Vishay Siliconix K103K20X7RK53H5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45171
72
Revision: 16-Nov-09
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial Capacitors
200 VDC and 500 VDC
150
200
K151J15C0GK5.L2
K151K15C0GK5.L2
2.5 (0.10)
150
K151J15C0GK5.H5
K151K15C0GK5.H5
5.0 (0.20)
180
K181J15C0GK5.L2
K181K15C0GK5.L2
2.5 (0.10)
180
K181J15C0GK5.H5
K181K15C0GK5.H5
5.0 (0.20)
220
K221J15C0GK5.L2
K221K15C0GK5.L2
2.5 (0.10)
220
K221J15C0GK5.H5
K221K15C0GK5.H5
5.0 (0.20)
270
K271J15C0GK5.L2
K271K15C0GK5.L2
2.5 (0.10)
270
K271J15C0GK5.H5
K271K15C0GK5.H5
5.0 (0.20)
330
K331J15C0GK5.L2
K331K15C0GK5.L2
2.5 (0.10)
330
K331J15C0GK5.H5
K331K15C0GK5.H5
5.0 (0.20)
390
K391J15C0GK5.L2
K391K15C0GK5.L2
2.5 (0.10)
390
K391J15C0GK5.H5
K391K15C0GK5.H5
5.0 (0.20)
470
K471J15C0GK5.L2
K471K15C0GK5.L2
2.5 (0.10)
470
K471J15C0GK5.H5
K471K15C0GK5.H5
5.0 (0.20)
560
K561J15C0GK5.L2
K561K15C0GK5.L2
2.5 (0.10)
560
K561J15C0GK5.H5
K561K15C0GK5.H5
5.0 (0.20)
680
K681J15C0GK5.L2
K681K15C0GK5.L2
2.5 (0.10)
680
K681J15C0GK5.H5
K681K15C0GK5.H5
5.0 (0.20)
820
K821J15C0GK5.L2
K821K15C0GK5.L2
2.5 (0.10)
820
K821J15C0GK5.H5
K821K15C0GK5.H5
5.0 (0.20)
1000
K102J20C0GK5.L2
K102K20C0GK5.L2
2.5 (0.10)
1000
K102J20C0GK5.H5
K102K20C0GK5.H5
5.0 (0.20)
1200
K122J20C0GK5.L2
K122K20C0GK5.L2
2.5 (0.10)
1200
K122J20C0GK5.H5
K122K20C0GK5.H5
5.0 (0.20)
1500
K152J20C0GK5.L2
K152K20C0GK5.L2
2.5 (0.10)
1500
K152J20C0GK5.H5
K152K20C0GK5.H5
5.0 (0.20)
1800
K182J20C0GK5.L2
K182K20C0GK5.L2
2.5 (0.10)
1800
K182J20C0GK5.H5
K182K20C0GK5.H5
5.0 (0.20)
2200
K222J20C0GK5.L2
K222K20C0GK5.L2
2.5 (0.10)
2200
K222J20C0GK5.H5
K222K20C0GK5.H5
5.0 (0.20)
2700
K272J20C0GK5.L2
K272K20C0GK5.L2
2.5 (0.10)
2700
K272J20C0GK5.H5
K272K20C0GK5.H5
5.0 (0.20)
3300
K332J20C0GK5.L2
K332K20C0GK5.L2
2.5 (0.10)
3300
K332J20C0GK5.H5
K332K20C0GK5.H5
5.0 (0.20)
3900
K392J20C0GK5.L2
K392K20C0GK5.L2
2.5 (0.10)
3900
K392J20C0GK5.H5
K392K20C0GK5.H5
5.0 (0.20)
MONO-KAP C0G - 200 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)


Podobny numer części - K103K20X7RK53H5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
K103K20X7RL5.H5 VISHAY-K103K20X7RL5.H5 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K103K20X7RL5TH5 VISHAY-K103K20X7RL5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Podobny opis - K103K20X7RK53H5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com