Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC640_J35Z Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BC640_J35Z
Szczegółowy opis  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC640_J35Z Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BC640_J35Z Datasheet HTML 1Page - Fairchild Semiconductor BC640_J35Z Datasheet HTML 2Page - Fairchild Semiconductor BC640_J35Z Datasheet HTML 3Page - Fairchild Semiconductor BC640_J35Z Datasheet HTML 4Page - Fairchild Semiconductor BC640_J35Z Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC640 Rev. C3
1
March 2009
BC640
PNP Epitaxial Silicon Transistor
Switching and Amplifier Applications
• Complement to BC639
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
Electrical Characteristics T
a = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCER
Collector-Emitter Voltage at RBE=1KΩ
-100
V
VCES
Collector-Emitter Voltage
-100
V
VCEO
Collector-Emitter Voltage
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-1
A
ICP
Peak Collector Current
-1.5
A
IB
Base Current
-100
mA
PC
Collector Power Dissipation
1
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC= -10mA, IB=0
-80
V
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-0.1
μA
IEBO
Emitter Cut-off Current
VEB= -5V, IC=0
-10
μA
hFE1
hFE2
hFE3
DC Current Gain
VCE= -2V, IC= -5mA
VCE= -2V, IC= -150mA
VCE= -2V, IC= -500mA
25
40
25
160
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -500mA, IB= -50mA
-0.5
V
VBE (on)
Base-Emitter On Voltage
VCE= -2V, IC= -500mA
-1
V
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA,
f=50MHz
100
MHz
1. Emitter 2. Collector 3. Base
TO-92
1


Podobny numer części - BC640_J35Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
logo
NXP Semiconductors
BC640-16 PHILIPS-BC640-16 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
logo
ON Semiconductor
BC640-16 ONSEMI-BC640-16 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
BC640-16 ONSEMI-BC640-16 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC640-16G ONSEMI-BC640-16G Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
More results

Podobny opis - BC640_J35Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com