Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części LM317
Szczegółowy opis  1.5 A Adjustable Output Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button LM317 Datasheet HTML 4Page - ON Semiconductor LM317 Datasheet HTML 5Page - ON Semiconductor LM317 Datasheet HTML 6Page - ON Semiconductor LM317 Datasheet HTML 7Page - ON Semiconductor LM317 Datasheet HTML 8Page - ON Semiconductor LM317 Datasheet HTML 9Page - ON Semiconductor LM317 Datasheet HTML 10Page - ON Semiconductor LM317 Datasheet HTML 11Page - ON Semiconductor LM317 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LM317, NCV317
http://onsemi.com
11
PACKAGE DIMENSIONS
D2PAK−3
D2T SUFFIX
CASE 936−03
ISSUE D
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8.38
5.080
DIMENSIONS: MILLIMETERS
PITCH
2X
16.155
1.016
2X
10.49
3.504
5 REF
5 REF
V
U
TERMINAL 4
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: INCHES.
3.
TAB CONTOUR OPTIONAL WITHIN
DIMENSIONS A AND K.
4.
DIMENSIONS U AND V ESTABLISH A MINIMUM
MOUNTING SURFACE FOR TERMINAL 4.
5.
DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH OR GATE PROTRUSIONS. MOLD
FLASH AND GATE PROTRUSIONS NOT TO
EXCEED 0.025 (0.635) MAXIMUM.
6.
SINGLE GAUGE DESIGN WILL BE SHIPPED
AFTER FPCN EXPIRATION IN OCTOBER 2011.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.386
0.403
9.804
10.236
INCHES
B
0.356
0.368
9.042
9.347
C
0.170
0.180
4.318
4.572
D
0.026
0.036
0.660
0.914
E
0.045
0.055
1.143
1.397
F
0.051 REF
1.295 REF
G
0.100 BSC
2.540 BSC
H
0.539
0.579
13.691
14.707
J
0.125 MAX
3.175 MAX
K
0.050 REF
1.270 REF
L
0.000
0.010
0.000
0.254
M
0.088
0.102
2.235
2.591
N
0.018
0.026
0.457
0.660
P
0.058
0.078
1.473
1.981
R
S
0.116 REF
2.946 REF
U
0.200 MIN
5.080 MIN
V
0.250 MIN
6.350 MIN
__
A
12
3
K
F
B
J
S
H
D
M
0.010 (0.254)
T
E
OPTIONAL
CHAMFER
BOTTOM VIEW
OPTIONAL CONSTRUCTIONS
TOP VIEW
SIDE VIEW
DUAL GAUGE
BOTTOM VIEW
L
T
P
R
DETAIL C
SEATING
PLANE
2X
G
N
M
CONSTRUCTION
D
C
DETAIL C
E
OPTIONAL
CHAMFER
SIDE VIEW
SINGLE GAUGE
CONSTRUCTION
S
C
DETAIL C
T
T
D
E
0.018
0.026
0.457
0.660
S


Podobny numer części - LM317

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317 ETL-LM317 Datasheet
255Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results

Podobny opis - LM317

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com