Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części LM317
Szczegółowy opis  1.5 A Adjustable Output Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317 Arkusz danych(HTML) 4 Page - ON Semiconductor

  LM317 Datasheet HTML 1Page - ON Semiconductor LM317 Datasheet HTML 2Page - ON Semiconductor LM317 Datasheet HTML 3Page - ON Semiconductor LM317 Datasheet HTML 4Page - ON Semiconductor LM317 Datasheet HTML 5Page - ON Semiconductor LM317 Datasheet HTML 6Page - ON Semiconductor LM317 Datasheet HTML 7Page - ON Semiconductor LM317 Datasheet HTML 8Page - ON Semiconductor LM317 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM317, NCV317
http://onsemi.com
4
Figure 4. Load Regulation and DIAdj/Load Test Circuit
Figure 5. Standard Test Circuit
Figure 6. Ripple Rejection Test Circuit
VO
LM317
VO (min Load) - VO (max Load)
*Pulse testing required.
* 1% Duty Cycle is suggested.
Load Regulation (mV) = VO (min Load) - VO (max Load)
Load Regulation (% VO) =
x 100
VO (min Load)
VO (max Load)
Cin
0.1
mF
Adjust
R2
1%
CO
1.0
mF
+
*
RL
(max Load)
RL
(min Load)
Vout
R1
240
1%
VI
Vin
IAdj
IL
* Pulse testing required.
* 1% Duty Cycle is suggested.
Vin
Vout
Adjust
R1
240
1%
+
1.0
mF
CO
RL
Cin
R2
1%
To Calculate R2: Vout = ISET R2 + 1.250 V
To Calculate R2: Assume ISET = 5.25 mA
IL
IAdj
ISET
Vref
VO
VI
0.1
mF
Vin
Vout
Vout = 10 V
RL
Cin
0.1
mF
Adjust
R1
240
1%
D1*
1N4002
CO
+
1.0
mF
24 V
14 V
R2
1.65 k
1%
CAdj
10
mF
+
*D1 Discharges CAdj if output is shorted to Ground.
f = 120 Hz
LM317
LM317
VO (min Load)


Podobny numer części - LM317

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317 ETL-LM317 Datasheet
255Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results

Podobny opis - LM317

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com