Zakładka z wyszukiwarką danych komponentów |
|
MC14050B Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
MC14050B Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 9 page © Semiconductor Components Industries, LLC, 2013 April, 2013 − Rev. 8 1 Publication Order Number: MC14049B/D MC14049B, MC14050B Hex Buffer The MC14049B Hex Inverter/Buffer and MC14050B Noninverting Hex Buffer are constructed with MOS P−Channel and N−Channel enhancement mode devices in a single monolithic structure. These complementary MOS devices find primary use where low power dissipation and/or high noise immunity is desired. These devices provide logic level conversion using only one supply voltage, VDD. The input−signal high level (VIH) can exceed the VDD supply voltage for logic level conversions. Two TTL/DTL loads can be driven when the devices are used as a CMOS−to−TTL/DTL converter (VDD = 5.0 V, VOL v 0.4 V, IOL ≥ 3.2 mA). Note that pins 13 and 16 are not connected internally on these devices; consequently connections to these terminals will not affect circuit operation. Features • High Source and Sink Currents • High−to−Low Level Converter • Supply Voltage Range = 3.0 V to 18 V • VIN can exceed VDD • Meets JEDEC B Specifications • Improved ESD Protection On All Inputs • NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable • These Devices are Pb−Free and are RoHS Compliant MAXIMUM RATINGS (Voltages Referenced to VSS) Symbol Parameter Value Unit VDD DC Supply Voltage Range −0.5 to +18.0 V Vin Input Voltage Range (DC or Transient) −0.5 to +18.0 V Vout Output Voltage Range (DC or Transient) −0.5 to VDD + 0.5 V Iin Input Current (DC or Transient) per Pin ±10 mA Iout Output Current (DC or Transient) per Pin ±45 mA PD Power Dissipation, per Package (Note 1) (Plastic) (SOIC) 825 740 mW TA Ambient Temperature Range −55 to +125 °C Tstg Storage Temperature Range −65 to +150 °C TL Lead Temperature (8−Second Soldering) 260 °C 1. Temperature Derating: See Figure 3. This device contains protection circuitry to protect the inputs against damage due to high static voltages or electric fields referenced to the VSS pin only. Extra precautions must be taken to avoid applications of any voltage higher than the maximum rated voltages to this high−impedance circuit. For proper operation, the ranges VSS ≤ Vin ≤ 18 V and VSS ≤ Vout ≤ VDD are recommended. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. http://onsemi.com MARKING DIAGRAMS PDIP−16 P SUFFIX CASE 648 MC140xxBCP AWLYYWWG SOIC−16 D SUFFIX CASE 751B TSSOP−16 DT SUFFIX CASE 948F 140xxBG AWLYWW 14 050B ALYWG G xx = Specific Device Code A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb−Free Indicator SOEIAJ−16 F SUFFIX CASE 966 MC140xxB ALYWG See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ORDERING INFORMATION 16 1 1 16 1 16 1 16 (Note: Microdot may be in either location) |
Podobny numer części - MC14050B |
|
Podobny opis - MC14050B |