Zakładka z wyszukiwarką danych komponentów |
|
MC14050B Arkusz danych(PDF) 4 Page - ON Semiconductor |
|
MC14050B Arkusz danych(HTML) 4 Page - ON Semiconductor |
4 / 9 page MC14049B, MC14050B http://onsemi.com 4 AC SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = + 25_C) Characteristic Symbol VDD Vdc Min Typ (Note 6) Max Unit Output Rise Time tTLH = (0.7 ns/pF) CL + 65 ns tTLH = (0.25 ns/pF) CL + 37.5 ns tTLH = (0.2 ns/pF) CL + 30 ns tTLH 5.0 10 15 − − − 100 50 40 160 80 60 ns Output Fall Time tTHL = (0.2 ns/pF) CL + 30 ns tTHL = (0.06 ns/pF) CL + 17 ns tTHL = (0.04 ns/pF) CL + 13 ns tTHL 5.0 10 15 − − − 40 20 15 60 40 30 ns Propagation Delay Time tPLH = (0.33 ns/pF) CL + 63.5 ns tPLH = (0.19 ns/pF) CL + 30.5 ns tPLH = (0.06 ns/pF) CL + 27 ns tPLH 5.0 10 15 − − − 80 40 30 140 80 60 ns Propagation Delay Time tPHL = (0.2 ns/pF) CL + 30 ns tPHL = (0.1 ns/pF) CL + 15 ns tPHL = (0.05 ns/pF) CL + 12.5 ns tPHL 5.0 10 15 − − − 40 20 15 80 40 30 ns 5. The formulas given are for the typical characteristics only at 25_C. 6. Data labeled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. Figure 1. Typical Output Source Characteristics Figure 2. Typical Output Sink Characteristics MC14049B MC14050B MC14049B MC14050B VDD VSS VDD VSS 1 8 1 8 IOL IOH VOH VOL VDS = VOH - VDD VDD VSS 1 8 IOL VOL VDD VSS 1 8 IOH VOH VDD = VOL -50 -40 -30 -20 -10 0 -10 -8.0 -6.0 -4.0 -2.0 0 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) VGS = 5.0 Vdc VGS = 10 Vdc MAXIMUM CURRENT LEVEL VGS = 15 Vdc 160 120 80 40 0 0 2.0 4.0 6.0 8.0 10 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) VGS = 15 Vdc VGS = 10 Vdc MAXIMUM CURRENT LEVEL VGS = 5.0 Vdc |
Podobny numer części - MC14050B |
|
Podobny opis - MC14050B |