Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5-104068-8 Arkusz danych(PDF) 74 Page - Tyco Electronics

Numer części 5-104068-8
Szczegółowy opis  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104068-8 Arkusz danych(HTML) 74 Page - Tyco Electronics

Back Button 5-104068-8 Datasheet HTML 70Page - Tyco Electronics 5-104068-8 Datasheet HTML 71Page - Tyco Electronics 5-104068-8 Datasheet HTML 72Page - Tyco Electronics 5-104068-8 Datasheet HTML 73Page - Tyco Electronics 5-104068-8 Datasheet HTML 74Page - Tyco Electronics 5-104068-8 Datasheet HTML 75Page - Tyco Electronics 5-104068-8 Datasheet HTML 76Page - Tyco Electronics 5-104068-8 Datasheet HTML 77Page - Tyco Electronics 5-104068-8 Datasheet HTML 78Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
74
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Application Tooling
Manual Arbor Frame
Assembly,
Part No. 91085-2
Pneumatic Auto-Cycle
Unit, Part No. 91112-3
Hand Tool Kit—Part No. 768340-1
Terminating kit for .050 [1.27] centerline ribbon cable with
28 or 26 AWG [0.08 or 0.15 mm2] stranded or solid, or
30 AWG [0.05 mm2] solid conductors. Includes commercial
grade hand tool with ratchet control for complete termination
cycle, base assembly, bench-mount, tooling sets for stan-
dard and Novo receptacles, card edge connectors and D-
Sub HDF low-profile connectors, and a carrying case.
Bench frame for applying a
variety of IDC connectors,
including AMPMODU MT
and CHAMP. Features
adjustable ram and handle,
and a slide base. Tooling is
mounted to the ram and into
the tracks of the base plate.
Basically an air-powered
version of Manual Arbor
Frame Assembly 91085-2.
Features adjustable ram
and cycle time, and auto-
matic cycling when the
lower assembly is slid into
the frame to the rear of the
base plate. Includes a
guard around the frame
opening.
Pneumatic Foot Pedal Unit
Part No. 91112-2
Foot pedal indicates cycle—
features adjustable ram and
cycle time.
Tooling Instruction Sheets
408-7777—Manual Arbor Frame
Assembly
408-6732—Pneumatic Auto-Cycle
Assembly
408-9828—Hand Tool Kit 768340-1
for Connector-Specific Kits


Podobny numer części - 5-104068-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-104068-8 MACOM-5-104068-8 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
5-104068-8 MACOM-5-104068-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
5-104068-8 MACOM-5-104068-8 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
5-104068-8 MACOM-5-104068-8 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Podobny opis - 5-104068-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com