Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP33A Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części TIP33A
Szczegółowy opis  NPN High-Power Transistors Designed for general?뭦urpose power amplifier and switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP33A Arkusz danych(HTML) 5 Page - ON Semiconductor

  TIP33A Datasheet HTML 1Page - ON Semiconductor TIP33A Datasheet HTML 2Page - ON Semiconductor TIP33A Datasheet HTML 3Page - ON Semiconductor TIP33A Datasheet HTML 4Page - ON Semiconductor TIP33A Datasheet HTML 5Page - ON Semiconductor TIP33A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TIP33A, TIP33C
http://onsemi.com
5
PACKAGE DIMENSIONS
SOT−93 (TO−218)
CASE 340D−02
ISSUE E
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
A
D
V
G
K
S
L
U
B
Q
12
3
4
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
E
C
J
H
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
---
20.35
---
0.801
B
14.70
15.20
0.579
0.598
C
4.70
4.90
0.185
0.193
D
1.10
1.30
0.043
0.051
E
1.17
1.37
0.046
0.054
G
5.40
5.55
0.213
0.219
H
2.00
3.00
0.079
0.118
J
0.50
0.78
0.020
0.031
K
31.00 REF
1.220 REF
L
---
16.20
---
0.638
Q
4.00
4.10
0.158
0.161
S
17.80
18.20
0.701
0.717
U
4.00 REF
0.157 REF
V
1.75 REF
0.069
TO−247
CASE 340L−02
ISSUE F
N
P
A
K
W
F
D
G
U
E
0.25 (0.010) M YQ S
J
H
C
4
12
3
−T−
−B−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
2 PL
3 PL
0.63 (0.025) M TB M
−Q−
L
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
20.32
21.08
0.800
8.30
B
15.75
16.26
0.620
0.640
C
4.70
5.30
0.185
0.209
D
1.00
1.40
0.040
0.055
E
1.90
2.60
0.075
0.102
F
1.65
2.13
0.065
0.084
G
5.45 BSC
0.215 BSC
H
1.50
2.49
0.059
0.098
J
0.40
0.80
0.016
0.031
K
19.81
20.83
0.780
0.820
L
5.40
6.20
0.212
0.244
N
4.32
5.49
0.170
0.216
P
---
4.50
---
0.177
Q
3.55
3.65
0.140
0.144
U
6.15 BSC
0.242 BSC
W
2.87
3.12
0.113
0.123
STYLE 3:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR


Podobny numer części - TIP33A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
TIP33A POINN-TIP33A Datasheet
91Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIP33A TI-TIP33A Datasheet
584Kb / 6P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP33A SAVANTIC-TIP33A Datasheet
137Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP33A ISC-TIP33A Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Continental Device Indi...
TIP33A CDIL-TIP33A Datasheet
337Kb / 4P
   HIGH POWER TRANSISTORS
More results

Podobny opis - TIP33A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
MJD45H11 RECTRON-MJD45H11 Datasheet
301Kb / 2P
   Designed for general purpose power and switching
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
   Designed for general purpose power and switching
logo
E-Tech Electronics LTD
G6718 ETL-G6718 Datasheet
162Kb / 2P
   The G6718 is designed for general purpose medium power amplifier and switching applications
GPN2222A ETL-GPN2222A Datasheet
140Kb / 3P
   The GPN2222A is designed for general purpose amplifier and high speed, medium-power switching applications.
GPN2907A ETL-GPN2907A Datasheet
230Kb / 2P
   The GPN2907A is designed for general purpose amplifier and high speed, medium-power switching applications
logo
NTE Electronics
NTE335 NTE-NTE335 Datasheet
59Kb / 2P
   Silicon NPN RF Power Transistor Designed for power amplifier
logo
E-Tech Electronics LTD
GSA1625 ETL-GSA1625 Datasheet
416Kb / 2P
   The GSA1625 is designed for general purpose amplifier and high speed switching applications.
G2N3904 ETL-G2N3904 Datasheet
131Kb / 2P
   The G2N3904 is designed for general purpose switching and amplifier applications.
G1270 ETL-G1270 Datasheet
171Kb / 2P
   The G1270 is designed for general purpose switching and amplifier applications
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
   The G2N3906 is designed for general purpose switching and amplifier applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com