Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP33A Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części TIP33A
Szczegółowy opis  NPN High-Power Transistors Designed for general?뭦urpose power amplifier and switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP33A Arkusz danych(HTML) 3 Page - ON Semiconductor

  TIP33A Datasheet HTML 1Page - ON Semiconductor TIP33A Datasheet HTML 2Page - ON Semiconductor TIP33A Datasheet HTML 3Page - ON Semiconductor TIP33A Datasheet HTML 4Page - ON Semiconductor TIP33A Datasheet HTML 5Page - ON Semiconductor TIP33A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIP33A, TIP33C
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
TIP33A
(IC = 30 mA, IB = 0)
TIP33C
VCEO(sus)
60
100
Vdc
Collector−Emitter Cutoff Current
(VCE = 30 V, IB = 0)
TIP33A
(VCE = 60 V, IB = 0)
TIP33C
ICEO
0.7
mA
Collector−Emitter Cutoff Current
(VCE = Rated VCEO, VEB = 0)
ICES
0.4
mA
Emitter−Base Cutoff Current
(VEB = 5.0 V, IC = 0)
IEBO
1.0
mA
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 1.0 A, VCE = 4.0 V)
(IC = 3.0 A, VCE = 4.0 V)
hFE
40
20
100
Collector−Emitter Saturation Voltage
(IC = 3.0 A, IB = 0.3 A)
(IC = 10 A, IB = 2.5 A)
VCE(sat)
1.0
4.0
Vdc
Base−Emitter On Voltage
(IC = 3.0 A, VCE = 4.0 V)
(IC = 10 A, VCE = 4.0 V)
VBE(on)
1.6
3.0
Vdc
DYNAMIC CHARACTERISTICS
Small−Signal Current Gain
(IC = 0.5 A, VCE = 10 V, f = 1.0 kHz)
hfe
20
Current−Gain — Bandwidth Product
(IC = 0.5 A, VCE = 10 V, f = 1.0 MHz)
fT
3.0
MHz
2. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.


Podobny numer części - TIP33A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
TIP33A POINN-TIP33A Datasheet
91Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIP33A TI-TIP33A Datasheet
584Kb / 6P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP33A SAVANTIC-TIP33A Datasheet
137Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP33A ISC-TIP33A Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Continental Device Indi...
TIP33A CDIL-TIP33A Datasheet
337Kb / 4P
   HIGH POWER TRANSISTORS
More results

Podobny opis - TIP33A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
MJD45H11 RECTRON-MJD45H11 Datasheet
301Kb / 2P
   Designed for general purpose power and switching
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
   Designed for general purpose power and switching
logo
E-Tech Electronics LTD
G6718 ETL-G6718 Datasheet
162Kb / 2P
   The G6718 is designed for general purpose medium power amplifier and switching applications
GPN2222A ETL-GPN2222A Datasheet
140Kb / 3P
   The GPN2222A is designed for general purpose amplifier and high speed, medium-power switching applications.
GPN2907A ETL-GPN2907A Datasheet
230Kb / 2P
   The GPN2907A is designed for general purpose amplifier and high speed, medium-power switching applications
logo
NTE Electronics
NTE335 NTE-NTE335 Datasheet
59Kb / 2P
   Silicon NPN RF Power Transistor Designed for power amplifier
logo
E-Tech Electronics LTD
GSA1625 ETL-GSA1625 Datasheet
416Kb / 2P
   The GSA1625 is designed for general purpose amplifier and high speed switching applications.
G2N3904 ETL-G2N3904 Datasheet
131Kb / 2P
   The G2N3904 is designed for general purpose switching and amplifier applications.
G1270 ETL-G1270 Datasheet
171Kb / 2P
   The G1270 is designed for general purpose switching and amplifier applications
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
   The G2N3906 is designed for general purpose switching and amplifier applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com