Zakładka z wyszukiwarką danych komponentów |
|
5-104069-1 Arkusz danych(PDF) 1 Page - Tyco Electronics |
|
5-104069-1 Arkusz danych(HTML) 1 Page - Tyco Electronics |
1 / 60 page 25 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 AMPMODU System 50 Connectors AMPMODU Interconnection System 3 The AMPMODU System 50 connector family includes a wide variety of high density board-to-board (thru-hole and surface-mount) and cable-to-board connectors. AMPMODU System 50 is composed of one- and two- row receptacles and post headers on .050 x .100 [1.27 x 2.54] spacing between contacts for extreme density and efficient use of printed circuit board area. AMPMODU System 50 receptacles and header assemblies can be categorized in three groups: board-mount headers, board-mount receptacles and cable-to-board receptacles. Receptacle contacts and mating .015 [0.38] square posts are formed from high conductivity copper alloy and are selectively plated with gold to promote higher performance and reliability. Board-mounted thru-hole post headers and receptacle connectors are available for right-angle and vertical mating configurations. Surface- mounted connectors are available in vertical, double row styles for parallel stacking applications. Shrouded post headers provide polarization to mating cable receptacles and aid alignment of mating connectors. Unshrouded headers allow close stacking of daughter cards. Vertical stacking connectors space parallel mated boards as shown in the illustration on page 63. Housings on all board- mount assemblies are made of high temperature tolerant materials and incorporate stand-offs for free drainage of flux cleaning solutions. Cable-to-board connectors have integral latches for positive locking to shrouded mating headers (thru-hole or surface-mount). Ribbon cable connectors mass terminate 30 AWG [0.05 mm2] solid and 32 AWG [0.03 mm2] stranded, .025 [0.64] centerline ribbon cable with PVC or Teflon® insulation. Connectors for mass termination to FFC cable or flexible etched circuitry have dual beam contacts; options include shielded cable and solder tabs. Both types of cable connectors are available as component parts and as completed assemblies. The variety of components and application possibilities, combined with small size and outstanding quality, make AMPMODU System 50 suitable for high density systems. ■ Recognized under the Component Program of Underwriters Laboratories Inc. File No. E28476 ■ Certified by Canadian Standards Association*, File No. LR 7189 *CSA certification pending on certain products, as noted. Dimensioning: Dimensions are in inches and millimeters. Values in brackets are metric equivalents. Metric symbols used are: mm (millimeter) cm (centimeter) m (meter) mm2 (square millimeter) C (Celsius) N (newton) kg (kilogram) ■ Produced under a Quality Management System certified to ISO 9001 A copy of the certificate is available upon request. R R ISO Certified 9001 Double Row, .025 Ribbon Cable Mount Receptacle (Page 56) (Page 52) (Page 38) (Page 44) (Page 45) (Page 39) (Page 31) (Page 29) (Page 50) (Page 27) (Page 28) (Page 33) (Page 50) (Page 32) (Page 37) (Page 30) (Page 34) (Page 40) Teflon® is a trademark of E.I. du Pont de Nemours and Company. |
Podobny numer części - 5-104069-1 |
|
Podobny opis - 5-104069-1 |