Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4102 Arkusz danych(PDF) 5 Page - Rohm

Numer części 2SC4102
Szczegółowy opis  NPN 50mA 120V High Voltage Amplifier transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SC4102 Arkusz danych(HTML) 5 Page - Rohm

  2SC4102_13 Datasheet HTML 1Page - Rohm 2SC4102_13 Datasheet HTML 2Page - Rohm 2SC4102_13 Datasheet HTML 3Page - Rohm 2SC4102_13 Datasheet HTML 4Page - Rohm 2SC4102_13 Datasheet HTML 5Page - Rohm 2SC4102_13 Datasheet HTML 6Page - Rohm 2SC4102_13 Datasheet HTML 7Page - Rohm 2SC4102_13 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SC4102 / 2SC3906K
lElectrical characteristic curves(Ta = 25°C)
0.1
1
10
100
1000
0.1
1
10
100
1000
Ta=25ºC
Single non repetitive pulse
DC
(Mounted on a
reference land)
10ms
1ms
100ms
2SC4102
0.1
1
10
100
1000
0.1
1
10
100
1000
Ta=25ºC
Single non repetitive pulse
2SC3906K
DC
(Mounted on a
reference land)
10ms
1ms
100ms
1
10
100
0.1
1
10
100
C
ib
Ta=25ºC
f=1MHz
I
C=0A
I
E=0A
C
ob
Fig.9 Emitter input capacitance vs.
Emitter-Base Voltage
Collector output capacitance vs.
Collector-Base Voltage
COLLECTOR - BASE VOLTAGE : V
CB [V]
EMITTER - BASE VOLTAGE : V
EB [V]
Fig.10 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : V
CE[V]
Fig.11 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : V
CE [V]
5/7
2013.05 - Rev.B


Podobny numer części - 2SC4102_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SC4102 ROHM-2SC4102_1 Datasheet
75Kb / 3P
   High-voltage Amplifier Transistor (120V, 50mA)
2SC4102 ROHM-2SC4102_11 Datasheet
132Kb / 3P
   High-voltage Amplifier Transistor
More results

Podobny opis - 2SC4102_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SA1579 ROHM-2SA1579_13 Datasheet
367Kb / 8P
   PNP -50mA -120V High-Voltage Amplifier Transistors
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
   High-voltage Amplifier Transistor(120V, 50mA)
2SA1579FRA ROHM-2SA1579FRA Datasheet
1Mb / 8P
   High-voltage Amplifier Transistor (-120V, -50mA)
20160915 - Rev.001
2SARA41CHZG ROHM-2SARA41CHZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (-120V,-50mA)
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (120V, 50mA)
2SC4102 ROHM-2SC4102_1 Datasheet
75Kb / 3P
   High-voltage Amplifier Transistor (120V, 50mA)
2SA1579U3HZG ROHM-2SA1579U3HZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102U3 ROHM-2SC4102U3 Datasheet
1Mb / 11P
   High-voltage Amplifier Transistor (120V, 50mA)
2SA1579 ROHM-2SA1579 Datasheet
79Kb / 4P
   High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (120V, 50mA)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com