Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N25M Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 4N25M
Szczegółowy opis  General Purpose 6-Pin Phototransistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N25M Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  4N25M Datasheet HTML 1Page - Fairchild Semiconductor 4N25M Datasheet HTML 2Page - Fairchild Semiconductor 4N25M Datasheet HTML 3Page - Fairchild Semiconductor 4N25M Datasheet HTML 4Page - Fairchild Semiconductor 4N25M Datasheet HTML 5Page - Fairchild Semiconductor 4N25M Datasheet HTML 6Page - Fairchild Semiconductor 4N25M Datasheet HTML 7Page - Fairchild Semiconductor 4N25M Datasheet HTML 8Page - Fairchild Semiconductor 4N25M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11AXM Rev. 1.0.3
4
Safety and Insulation Ratings
As per IEC 60747-5-2, this optocoupler is suitable for “safe electrical insulation” only within the safety limit data.
Compliance with the safety ratings shall be ensured by means of protective circuits.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Installation Classifications per DIN VDE 0110/1.89
Table 1
For Rated Main Voltage < 150Vrms
I-IV
For Rated Main voltage < 300Vrms
I-IV
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
CTI
Comparative Tracking Index
175
VPR
Input to Output Test Voltage, Method b,
VIORM x 1.875 = VPR, 100% Production Test
with tm = 1 sec, Partial Discharge < 5pC
1594
Vpeak
Input to Output Test Voltage, Method a,
VIORM x 1.5 = VPR, Type and Sample Test
with tm = 60 sec, Partial Discharge < 5pC
1275
Vpeak
VIORM
Max. Working Insulation Voltage
850
Vpeak
VIOTM
Highest Allowable Over Voltage
6000
Vpeak
External Creepage
7
mm
External Clearance
7
mm
Insulation Thickness
0.5
mm
RIO
Insulation Resistance at Ts, VIO = 500V
109


Podobny numer części - 4N25M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
4N25M LITEON-4N25M Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
Fairchild Semiconductor
4N25M FAIRCHILD-4N25M Datasheet
135Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
More results

Podobny opis - 4N25M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com