Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL0501 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części HCPL0501
Szczegółowy opis  High Speed Transistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0501 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  HCPL0501 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
HCLP0XXX Rev. 1.0.3
Absolute Maximum Ratings (TA = 25°C unless otherwise specified)
Electrical Characteristics (TA = 0 to 70°C Unless otherwise specified)
Individual Component Characteristics
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
Reflow Temperature Profile (Refer to page 9)
EMITTER
IF (avg)
DC/Average Forward Input Current
25
mA
IF (pk)
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
50
mA
IF (trans)
Peak Transient Input Current - ([
≤1 µs P.W., 300 pps)
1.0
A
VR
Reverse Input Voltage
5
V
PD
Input Power Dissipation
45
mW
DETECTOR
IO (avg)
Average Output Current (Pin 6)
8
mA
IO (pk)
Peak Output Current
16
mA
VEBR
Emitter-Base Reverse Voltage (HCPL0500/HCPL0501 only)
5
V
VCC
Supply Voltage
-0.5 to 30
V
VO
Output Voltage
-0.5 to 20
V
IB
Base Current (HCPL0500/HCPL0501 only)
5
mA
PD
Output power dissipation
100
mW
Symbol
Parameter
Test Conditions
Device
Min
Typ** Max
Unit
VF
EMITTER
(IF = 16 mA,
TA = 25°C)
All
1.45
1.7
V
Input Forward Voltage
(IF = 16 mA)
1.8
BVR
Input Reverse Breakdown Voltage
(IR = 10 µA)
All
5.0
V
(
∆VF/∆TA)Temperature coefficient of forward
voltage
(IF = 16 mA)
All
-1.6
mV/°C
IOH
DETECTOR
(IF = 0 mA, VO = VCC = 5.5V)
(TA = 25°C)
All
0.001
0.5
µA
Logic high output current
(IF = 0 mA, VO = VCC = 15 V)
(TA =25°C)
All
0.005
1
(IF = 0 mA, VO = VCC = 15 V)
All
50
ICCL
Logic low supply current
(IF = 16 mA, VO = Open)
(VCC = 15 V)
HCPL0452/3/
0500/1
120
200
µA
HCPL0530/1/4
400
ICCH
Logic high supply current
(IF = 0 mA, VO = Open)
(VCC = 15 V) (TA = 25°C)
All
0.01
1
µA
(IF = 0 mA, VO = Open)
(VCC = 15 V)
HCPL0452/3/
0500/1
2
HCPL0530/1/4
4


Podobny numer części - HCPL0501

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL0501 FAIRCHILD-HCPL0501 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0501 FAIRCHILD-HCPL0501 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0501 FAIRCHILD-HCPL0501 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0501 FAIRCHILD-HCPL0501 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
HCPL0501 FAIRCHILD-HCPL0501 Datasheet
335Kb / 12P
   High Speed Transistor Optocouplers
More results

Podobny opis - HCPL0501

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com